Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RL1220-4S-R020J

  • AI
    ## Electronic Component Analysis: RL1220-4S-R020J The **RL1220-4S-R020J** is a specialized surface-mount (SMD) resistor manufactured by **Susumu**. It belongs to the RL series, which is known for high-precision current sensing capabilities using thin-film technology. --- ### 1. Technical Specifications Below are the primary electrical and physical parameters for this specific part number: | Parameter | Value / Detail | | :--- | :--- | | **Component Type** | Current Sensing Chip Resistor | | **Resistance Value** | 20 mΩ (0.020 Ω) | | **Tolerance** | ±5% (indicated by 'J') | | **Power Rating** | 1/3 Watt (0.33W) | | **Package Size** | 0805 (Metric 2012) | | **Temperature Coefficient** | 0 ~ 350ppm/°C | | **Operating Temp Range** | -55°C to +125°C | | **Technology** | Metal Foil / Thin Film | --- ### 2. Part Number Breakdown The nomenclature can be decoded as follows: * **RL**: Series name (Current sensing chip resistors). * **1220**: Case size (1.2mm x 2.0mm, equivalent to **0805**). * **4S**: Power rating code (Specific to the 0.33W high-power variant). * **R020**: Resistance value (The 'R' acts as a decimal point, denoting **0.020 Ohms**). * **J**: Resistance tolerance (**±5%**). --- ### 3. Key Features and Applications #### Features * **Low Inductance:** The thin-film construction ensures very low self-inductance, which is critical for high-frequency switching circuits. * **Heat Dissipation:** Designed to handle higher power density (0.33W) compared to standard 0805 resistors (typically 0.125W). * **Stability:** Excellent long-term stability and reliability under thermal stress. #### Common Applications 1. **Power Supplies:** Used in DC-DC converters for current monitoring. 2. **Battery Management Systems (BMS):** Measuring charge and discharge cycles in mobile devices. 3. **Motor Control:** Detecting overcurrent conditions in small motors. 4. **Audio Circuits:** Used in feedback loops where low resistance and high precision are required. --- ### 4. Typical Application Diagram In a standard current sensing circuit, the RL1220 is placed in series with the load. The voltage drop across it is measured by an amplifier: ```text [Power Source] ----+---- [Load] ----+---- [GND] | | +--[RL1220]------+ | (Voltage Sense Point) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 4S and standard power ratings in the RL series?
    • ⤷ Are there versions of this resistor with tighter tolerances
    • ⤷ such as 1%?
    • ⤷ How does the temperature coefficient affect the accuracy of current sensing in this part?