Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RL1220-4S-R030F

  • AI
    The **RL1220-4S-R030F** is a precision **Current Sensing Chip Resistor** manufactured by Susumu. It is part of the RL series, known for its low resistance values and high accuracy in power management circuits. --- ### 1. Technical Specifications The part number can be decoded to understand its specific electronic characteristics: | Parameter | Specification | Description | |:---|:---|:---| | **Series** | RL1220 | 0805 Imperial size (2.0 x 1.25mm) | | **Terminal Type** | 4S | 4-terminal (Kelvin) or Long-side terminal configuration | | **Resistance Value** | R030 | 0.030 $\Omega$ (30 m$\Omega$) | | **Tolerance** | F | $\pm$1% accuracy | | **Power Rating** | 1/3 W (0.33W) | Maximum power dissipation | | **Operating Temp** | -55°C to +125°C | Standard industrial range | --- ### 2. Key Features * **Low Resistance:** At 30 m$\Omega$, it is designed to minimize power loss while allowing for voltage drop measurements. * **Metal Foil / Thin Film Technology:** This provides excellent stability and low noise compared to thick-film alternatives. * **High Precision:** The "F" grade (1%) ensures accurate current monitoring, which is critical for battery management systems. * **Low Inductance:** Its physical structure is optimized to reduce parasitic inductance, making it suitable for high-frequency switching applications. --- ### 3. Internal Structure & Working Principle The RL1220 series typically utilizes a **Metal Foil** construction on a ceramic substrate. 1. **Current Flow:** Current passes through the resistive element. 2. **Voltage Drop:** According to Ohm's Law ($V = I \times R$), a small voltage drop occurs across the 0.030 $\Omega$ resistance. 3. **Measurement:** An IC (Current Sense Amplifier) measures this voltage drop to calculate the exact amount of current flowing through the circuit. --- ### 4. Common Applications * **DC-DC Converters:** Monitoring output current to prevent over-current stages. * **Battery Management Systems (BMS):** Tracking charge and discharge cycles in smartphones or laptops. * **Motor Control:** Detecting stalls or regulating torque by measuring motor current. * **Power Supplies:** Implementing current-mode control loops. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 2-terminal and a 4-terminal current sense resistor?
    • ⤷ How do I calculate the voltage drop across this resistor at 2 Amps?
    • ⤷ What are the recommended PCB landing patterns for the RL1220-4S series?