RL1220-F-R010F
AI

## Technical Overview of RL1220-F-R010-F
The **RL1220-F-R010-F** is a high-precision, low-resistance chip resistor manufactured by **Susumu**. It belongs to the RL series, which is specifically designed for current sensing applications.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the exact specifications of the component:
| Component Code | Meaning | Detail |
| :--- | :--- | :--- |
| **RL** | Series Name | Low resistance chip resistor |
| **1220** | Case Size | 0805 Imperial (2.0mm x 1.25mm) |
| **F** | Temperature Coefficient | ±100 ppm/°C |
| **R010** | Resistance Value | 0.010 $\Omega$ (10 m$\Omega$) |
| **F** | Tolerance | ±1% |
---
### 2. Key Specifications
This part is engineered for stability and accuracy in power management circuits.
* **Resistance:** 0.01 $\Omega$ (10 milliohms).
* **Power Rating:** Typically 1/3W (0.33 Watts).
* **Operating Temperature:** -55°C to +125°C.
* **Structure:** Thin film construction on a ceramic substrate, providing better noise performance and stability than thick film alternatives.
---
### 3. Core Functions and Applications
Because of its extremely low resistance, this part is not used for traditional voltage dropping, but rather for **Current Sensing**.
#### How it works:
1. **Ohm's Law:** By placing this resistor in series with a load, a small voltage drop occurs ($V = I \times R$).
2. **Measurement:** Because $R$ is a known constant (0.01 $\Omega$), a controller can measure the voltage ($V$) across the resistor to calculate the exact current ($I$) flowing through the circuit.
#### Common Applications:
* **Battery Management Systems (BMS):** Monitoring charge and discharge rates.
* **DC-DC Converters:** Providing feedback for over-current protection.
* **Motor Control:** Detecting stalls or load changes.
* **Mobile Devices:** Managing power distribution to prolong battery life.
---
### 4. Physical Characteristics
The 1220 (0805) form factor is a standard Surface Mount Device (SMD) size, making it compatible with automated pick-and-place assembly.
```text
Dimensions (Approximate):
Length (L): 2.00 ± 0.20 mm
Width (W): 1.25 ± 0.20 mm
Height (T): 0.45 ± 0.10 mm
```
- ⤷
What is the difference between thin film and thick film current sense resistors?
- ⤷ How do I calculate the power dissipation for this resistor if my circuit carries 5 Amps?
- ⤷ Are there automotive-grade (AEC-Q200) versions of the RL series?