RL1220-F-R020J
AI

The **RL1220-F-R020J** is a high-precision, low-resistance current-sensing chip resistor manufactured by **Susumu**. It belongs to the **RL series**, which is widely known for its "Long Side Terminal" design or standard thick/thin film technology optimized for current detection.
---
### 1. Part Number Breakdown
To understand the component, we must decode the manufacturer's nomenclature:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **RL** | Series Name | Current Sensing Chip Resistor |
| **1220** | Case Size | 1.2mm x 2.0mm (Metric 1220 / Imperial 0805) |
| **F** | Temperature Coefficient | ±100 ppm/°C |
| **R020** | Resistance Value | 0.020 $\Omega$ (20 m$\Omega$) |
| **J** | Tolerance | ±5.0% |
---
### 2. Key Technical Specifications
These parameters define the electrical limits and physical properties of the part:
* **Resistance Value:** 20 m$\Omega$ (Milliohms).
* **Power Rating:** Typically 0.25W (1/4 Watt) for this specific size.
* **Package Type:** Surface Mount Device (SMD).
* **Operating Temperature:** Generally ranges from -55°C to +125°C.
* **Construction:** Metal foil or thick film element on a ceramic substrate, designed to handle low-ohmic loads with stability.
---
### 3. Application and Usage
The RL1220-F-R020J is specifically designed for **Current Sensing**. Because its resistance is extremely low (20 m$\Omega$), it allows designers to measure current flow with minimal voltage drop and power loss.
#### Typical Use Cases:
1. **Power Supplies:** Monitoring output current in DC-DC converters.
2. **Battery Management:** Sensing charge/discharge rates in portable electronics.
3. **Motor Control:** Detecting overcurrent conditions to protect circuitry.
4. **CPU/GPU Power Rails:** Managing high-current delivery in computing hardware.
---
### 4. Implementation Example
In a typical circuit, this resistor is placed in series with the load. The voltage across it ($V = I \times R$) is measured by an amplifier.
```c
// Calculation Example:
// If the measured voltage across the R020 resistor is 10mV:
// I = V / R
// I = 0.010V / 0.020 Ohms = 0.5 Amperes
```
---
- ⤷
What are the differences between the RL and PRL series from Susumu?
- ⤷ Can I substitute a 1% tolerance resistor for this 'J' (5%) rated part?
- ⤷ How does the power rating change if I use a smaller 0603 package?