RL1220-F-R050F
AI

## RL1220-F-R050-F: Technical Overview
The **RL1220-F-R050-F** is a high-precision, low-resistance chip resistor designed primarily for **current sensing** applications. It is manufactured by **Susumu**, a leader in thin-film technology.
### 1. Key Technical Specifications
| Parameter | Value / Specification |
| :--- | :--- |
| **Manufacturer** | Susumu |
| **Series** | RL Series (Low Resistance) |
| **Resistance** | $0.050 \Omega$ ($50 m\Omega$) |
| **Tolerance** | $\pm 1\%$ (indicated by the suffix 'F') |
| **Power Rating** | $0.1W$ ($1/10 W$) |
| **Package Size** | 0805 (Metric 2012) |
| **Temperature Coefficient (TCR)** | $0 \sim +350 \text{ ppm/}^\circ\text{C}$ |
| **Operating Temp Range** | $-55^\circ\text{C}$ to $+125^\circ\text{C}$ |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **RL**: Series Name (Long side terminal/Current sensing)
* **1220**: Case size (1.2mm x 2.0mm, equivalent to 0805 Imperial)
* **F**: Temperature Coefficient Characteristic
* **R050**: Resistance Value ($R$ acts as a decimal point, so $0.050 \Omega$)
* **F**: Resistance Tolerance ($\pm 1\%$)
---
### 3. Core Features and Applications
#### Features
* **Thin Film Technology:** Ensures higher stability and lower noise compared to thick film alternatives.
* **Low Inductance:** The physical structure is optimized to reduce parasitic inductance, making it suitable for high-frequency circuits.
* **Heat Dissipation:** Designed to handle small-scale power shunting without significant thermal drift.
#### Common Applications
* **Power Management:** Used in DC-DC converters to monitor output current.
* **Battery Protection:** Integrated into BMS (Battery Management Systems) to detect overcurrent conditions.
* **Mobile Electronics:** Used in smartphones and tablets for power saving and charging regulation.
* **Motor Control:** Small motor drivers use these to sense torque-related current draw.
---
### 4. Implementation Example
In a typical current-sensing circuit, this resistor is placed in series with the load. The voltage drop ($V$) across the resistor is measured by an amplifier:
```python
# Calculating Voltage Drop across RL1220-F-R050-F
resistance = 0.050 # Ohms
current = 1.2 # Amps (Example load)
voltage_drop = current * resistance
print(f"Voltage Drop: {voltage_drop}V or {voltage_drop * 1000}mV")
# Output: Voltage Drop: 0.06V or 60.0mV
```
- ⤷What is the maximum current this resistor can handle based on its 0.1W power rating?
- ⤷ How does thin-film technology compare to thick-film for current sensing?
- ⤷ Are there automotive-grade (AEC-Q200) versions of the RL series?