RL1632H-R050J
AI

The **RL1632H-R050J** is a high-precision, low-resistance chip resistor commonly used for current sensing applications. It is part of the RL series manufactured by companies like Susumu.
---
### 1. Part Number Deciphering
To understand the electronic characteristics, we can break down the part number:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **RL** | Series Name | Low resistance chip resistor |
| **1632** | Case Size (Metric) | 3.2mm x 1.6mm (Approx. 1206 Imperial) |
| **H** | Power Rating | High power handling (typically 0.5W) |
| **R050** | Resistance Value | 0.050 $\Omega$ (or 50 m$\Omega$) |
| **J** | Tolerance | ±5% |
---
### 2. Key Technical Specifications
This component is designed to minimize power loss while providing an accurate voltage drop for measurement.
* **Resistance:** 50 m$\Omega$ (0.05 Ohms).
* **Power Rating:** Usually 1/2 Watt (0.5W) at 70°C.
* **Temperature Coefficient of Resistance (TCR):** Typically low (e.g., ±100ppm/°C) to ensure stability across temperature ranges.
* **Structure:** Metal foil or thick film on a ceramic substrate, designed for high reliability.
* **Operating Temperature:** Generally ranges from -55°C to +155°C.
---
### 3. Common Applications
The RL1632 series is frequently found in power management circuits where "Current Sensing" is required:
1. **Battery Management Systems (BMS):** Monitoring charge and discharge currents.
2. **DC-DC Converters:** Providing feedback to the controller to prevent over-current conditions.
3. **Motor Control:** Sensing the load current to regulate motor speed or torque.
4. **Mobile Electronics:** Power saving and safety monitoring in smartphones and laptops.
---
### 4. Footprint and Mounting
The **1632** size is a "long-side terminal" or "reverse geometry" style in some series, but in the standard RL series, it follows the **3216 (1206)** dimensions.
```yaml
Dimensions:
Length: 3.2mm (+/- 0.2)
Width: 1.6mm (+/- 0.2)
Height: 0.5mm (+/- 0.1)
```
- ⤷
What is the maximum current this resistor can handle based on its 0.5W rating?
- ⤷ How does a 5% tolerance impact the accuracy of current sensing in a BMS?
- ⤷ Are there 1% tolerance versions of this specific part available?