RL1632H-R075J
AI

The **RL1632H-R075J** is a high-precision, low-resistance chip resistor primarily used for **current sensing** applications. It is manufactured by Susumu and belongs to the RL series.
---
### 1. Key Technical Specifications
Below are the primary parameters of the RL1632H-R075J:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Resistance Value** | 0.075 Ω (75 mΩ) | Low resistance for minimal power loss |
| **Tolerance** | ±5% (J) | Standard tolerance for current monitoring |
| **Power Rating** | 0.5 W (1/2 Watt) | Capable of handling moderate power levels |
| **Package Size** | 1206 (3216 Metric) | 3.2mm x 1.6mm footprint |
| **Temperature Coefficient (TCR)** | ±100 ppm/°C | Stable performance across temperatures |
| **Operating Temp Range** | -55°C to +155°C | Industrial grade thermal range |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying its specific characteristics:
* **RL**: Series name (Long side terminal low resistance chip resistors).
* **1632**: Physical dimensions ($1.6 \text{ mm} \times 3.2 \text{ mm}$). Note: This is a "wide terminal" type where the contacts are on the long sides.
* **H**: High power rating designation for this specific size.
* **R075**: Resistance value (R denotes the decimal point, so $0.075 \Omega$).
* **J**: Tolerance code (J = ±5%).
---
### 3. Functional Features
* **Current Sensing:** Because of its very low resistance, it is placed in series with a load to measure current by monitoring the voltage drop ($V = I \times R$).
* **Long-Side Terminals:** The "1632" indicates the terminals are on the long sides. This design improves heat dissipation and reduces parasitic inductance compared to standard 1206 (3216) resistors.
* **Metal Foil/Thin Film Construction:** Ensures high reliability and stability over the component's lifespan.
---
### 4. Typical Applications
1. **Power Management:** DC-DC converters and voltage regulators.
2. **Battery Monitoring:** Sensing charge/discharge currents in mobile devices or power tools.
3. **Motor Control:** Detecting over-current conditions in small motors.
4. **Automotive Electronics:** Used in various ECU modules for signal feedback.
---
- ⤷
How does the 'wide terminal' design affect the PCB layout compared to standard resistors?
- ⤷ What are the advantages of using a 75mΩ resistor over a 10mΩ resistor for current sensing?
- ⤷ Are there AEC-Q200 qualified versions of the RL series for automotive use?