RL1632H-R120F
AI

## Technical Overview: RL1632H-R120F
The **RL1632H-R120F** is a specialized electronic component categorized as a **Current Sensing Chip Resistor** (also known as a Shunt Resistor). It is manufactured by **Susumu**, a company known for high-precision thin-film technology.
### 1. Part Number Breakdown
To understand the part's capabilities, we can decode its nomenclature:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **RL** | Series Name | Low resistance chip resistor |
| **1632** | Case Size | 1.6mm x 3.2mm (Metric) / 0612 (Imperial) |
| **H** | Power Rating | High power handling (0.5 Watts) |
| **R120** | Resistance Value | 0.120 $\Omega$ (120 m$\Omega$) |
| **F** | Tolerance | $\pm$1% |
---
### 2. Key Technical Specifications
The RL series is designed for stability and high power density in a small footprint.
* **Resistance:** 120 milliohms ($0.12 \Omega$).
* **Power Rating:** 0.5 Watts (1/2 W).
* **Temperature Coefficient (TCR):** Typically ±100 ppm/°C (ensures accuracy across temperature changes).
* **Mounting Type:** Surface Mount (SMD/SMT).
* **Operating Temperature:** -55°C to +155°C.
* **Geometry:** Long-side terminal (the terminals are on the long sides of the rectangle to improve heat dissipation and reduce parasitic inductance).
---
### 3. Functional Application
This component is primarily used for **Current Sensing**. Instead of just limiting current, it is used to measure it.
#### How it works:
When current ($I$) flows through this 0.120 $\Omega$ resistor, a small voltage ($V$) drops across it according to Ohm’s Law ($V = I \times R$). A microcontroller or power management IC (PMIC) measures this voltage to determine exactly how much current is being consumed by the circuit.
#### Common Uses:
1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in smartphones or laptops.
2. **DC-DC Converters:** Providing feedback for over-current protection.
3. **Motor Control:** Detecting stalls or regulating speed.
4. **Inverters:** Managing power distribution.
---
### 4. Comparison Table: Long-Side vs. Short-Side Terminals
The "1632" format is specific because the terminals are on the **3.2mm side** rather than the 1.6mm side.
| Feature | RL1632 (Long-side) | Standard 1206 (Short-side) |
| :--- | :--- | :--- |
| **Heat Dissipation** | Superior (Larger contact area) | Standard |
| **Inductance** | Very Low | Moderate |
| **Current Path** | Shorter path through resistive element | Longer path |
| **Solder Reliability** | Higher resistance to thermal cycling | Standard |
- ⤷
What are the advantages of using a long-side terminal resistor over a standard 1206 resistor?
- ⤷ How do I calculate the maximum current this resistor can handle before failing?
- ⤷ Are there specific PCB layout recommendations for high-accuracy current sensing?