RL1632H-R130F
AI

The **RL1632H-R130F** is a high-precision, low-resistance chip resistor primarily used for current sensing applications. It is manufactured by **Susumu**, a leader in thin-film technology.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Parameter | Value / Description |
| :--- | :--- |
| **Series** | RL (Low Resistance Chip Resistor) |
| **Package Size** | 1632 (Metric) / 0612 (Imperial) |
| **Resistance Value** | 130 mΩ ($0.13 \Omega$) |
| **Tolerance** | ±1% (F) |
| **Power Rating** | 0.5W (1/2 Watt) |
| **Temperature Coefficient (TCR)** | ±100 ppm/°C |
| **Operating Temperature** | -55°C to +155°C |
---
## 2. Key Features
* **Long-Side Terminal Construction:** Unlike standard resistors, the terminals are on the long sides of the rectangular body. This geometry reduces parasitic inductance and improves heat dissipation.
* **Thin-Film Technology:** Provides excellent stability and low noise compared to thick-film counterparts.
* **Metal Foil / Plate:** Designed specifically to handle high current pulses without significant degradation.
---
## 3. Terminal Geometry Comparison
The "1632" indicates the dimensions are $1.6\text{mm} \times 3.2\text{mm}$. Because it is a "Wide Terminal" type, the electrical path is shorter, which is critical for high-frequency performance.
| Feature | Standard (1206) | RL1632 (Wide Terminal) |
| :--- | :--- | :--- |
| **Terminal Placement** | Short sides | Long sides |
| **Inductance** | Higher | Significantly Lower |
| **Heat Dissipation** | Standard | Superior |
---
## 4. Common Applications
* **Current Sensing:** Measuring current flow in power supplies, DC-DC converters, and battery management systems (BMS).
* **Over-current Protection:** Acting as a shunt to trigger protection circuits if the current exceeds a specific threshold.
* **Motor Control:** Monitoring phase currents in small BLDC motors or actuators.
* **Mobile Devices:** Power management in smartphones and tablets where space is limited but precision is required.
---
## 5. Circuit Implementation Example
When using this part for current sensing ($I_{sense}$), you measure the voltage drop ($V_{out}$) across it:
```python
# Ohms Law Calculation for RL1632H-R130F
R = 0.130 # Resistance in Ohms
I = 1.5 # Current in Amps
V_drop = I * R
P_dissipated = (I**2) * R
print(f"Voltage Drop: {V_drop} V")
print(f"Power Dissipated: {P_dissipated} W")
# Result: 0.195V drop, 0.2925W (well within 0.5W rating)
```
- ⤷
What are the advantages of using wide-terminal resistors over standard 1206 packages?
- ⤷ How does the TCR rating of 100ppm affect measurement accuracy in high-temperature environments?
- ⤷ Can this resistor be used in a 1W application if appropriate cooling is provided?