RL2550L-R050G
AI

The **RL2550L-R050G** is a high-precision, low-resistance current sensing resistor, typically used in power management and overcurrent protection circuits. Below is a detailed breakdown of its technical specifications and electronic characteristics.
---
### 1. Component Overview
The RL2550L series is designed for surface-mount (SMD) applications where high reliability and low thermal EMF (Electromotive Force) are required.
| Feature | Specification |
| :--- | :--- |
| **Part Number** | RL2550L-R050G |
| **Resistance Value** | 50 mΩ (0.050 Ohms) |
| **Tolerance** | ±2% (indicated by 'G') |
| **Power Rating** | 2 Watts (at 70°C) |
| **Package Size** | 2550 (Metric: 64128) |
| **Technology** | Metal Strip / Thick Film Low Ohm |
---
### 2. Detailed Technical Specifications
#### Electrical Characteristics
* **Temperature Coefficient (TCR):** Usually ranges between ±100ppm/°C to ±600ppm/°C depending on the specific manufacturing batch, ensuring stability across temperature fluctuations.
* **Operating Temperature Range:** -55°C to +155°C.
* **Inductance:** Low inductance (typically <5nH), making it suitable for high-frequency switching applications.
#### Physical Dimensions (2550 Package)
The "2550" designation refers to the physical footprint of the chip:
* **Length:** ~6.4 mm
* **Width:** ~12.8 mm
* **Height:** ~0.6 mm
* *Note: This is a "wide terminal" configuration, which allows for better heat dissipation compared to standard 2512 packages.*
---
### 3. Application Use Cases
Due to its low resistance and high power rating, this component is commonly found in:
1. **DC-DC Converters:** To monitor output current for feedback loops.
2. **Battery Management Systems (BMS):** Measuring charge and discharge currents in lithium-ion packs.
3. **Motor Control:** Detecting stall conditions or controlling torque via current sensing.
4. **Power Supplies:** Providing overcurrent protection (OCP).
---
### 4. Part Number Breakdown (Nomenclature)
* **RL:** Series code (Resistor Low Ohmic).
* **2550:** Package size (2.5 x 5.0 inches nominal or 64128 metric).
* **L:** Termination style/Material code.
* **R050:** Resistance value (R is the decimal point = 0.050Ω).
* **G:** Tolerance code (G = ±2%; F = ±1%, J = ±5%).
- ⤷
What is the difference between the 'G' and 'F' tolerance versions of this resistor?
- ⤷ How does the wide terminal design of the 2550 package improve thermal performance?
- ⤷ Can this resistor be used in high-frequency AC current sensing?