RL2550W-R050G
AI

## Electronic Specifications: RL2550W-R050G
The **RL2550W-R050G** is a high-power, low-resistance chip resistor commonly used for current sensing applications. It is part of the **RL Series** manufactured by Susumu (or similar vendors following the same naming convention), designed specifically for precision and stability in power management circuits.
---
### 1. Key Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Resistance Value** | 50 mΩ (0.050 Ω) | The electrical resistance at 25°C. |
| **Power Rating** | 2.0 Watts | The maximum power it can dissipate safely. |
| **Tolerance** | ±2% (G) | The allowable variance from the nominal resistance. |
| **Temperature Coefficient** | ±100 ppm/°C | How much the resistance changes with temperature. |
| **Case Size** | 2550 (Metric) / 1020 (Inch) | Physical dimensions (Long-side terminal). |
| **Technology** | Thick Film | Constructed using thick film resistive elements. |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the physical and electrical characteristics:
* **RL**: Series prefix (Low resistance chip resistors).
* **2550**: The physical dimensions. This is a **Long-side terminal** package (1020 in inches, 2550 in metric), meaning the terminals are on the long sides to improve heat dissipation and reduce ESL (Equivalent Series Inductance).
* **W**: Power rating code (usually indicating the 2.0W "Wide" or "High Power" variant).
* **R050**: The resistance value. "R" acts as the decimal point (0.050 Ohms).
* **G**: Tolerance code representing **±2%**.
---
### 3. Applications and Features
#### Features
* **High Power Dissipation:** Because the terminals are on the long sides, the heat path to the PCB is shorter and wider, allowing it to handle up to 2W in a relatively small footprint.
* **Low Inductance:** The geometry reduces parasitic inductance, making it suitable for high-frequency switching power supplies.
* **Current Sensing:** Specifically designed to create a small voltage drop that can be measured by a controller to determine current flow.
#### Typical Use Cases
1. **DC-DC Converters:** Sensing output current for regulation.
2. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles.
3. **Motor Control:** Detecting over-current conditions to protect the motor.
4. **AC Adapters:** Power monitoring in consumer electronics.
---
### 4. Comparison: Long-Side vs. Short-Side Terminals
| Feature | RL2550 (Long-Side) | Standard 2512 (Short-Side) |
| :--- | :--- | :--- |
| **Heat Dissipation** | Excellent (Wide path) | Moderate |
| **Solder Joint Stress** | Lower (due to geometry) | Higher |
| **ESL (Inductance)** | Very Low | Higher |
| **Power Density** | Higher | Lower |
- ⤷
What are the PCB layout recommendations for heat dissipation for this 2W resistor?
- ⤷ Can this resistor be used in a Kelvin (4-wire) sensing configuration?
- ⤷ How does the ±2% tolerance affect the accuracy of a current sensing circuit?