Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RL36370-R002-F

  • AI
    ## Analysis of Electronic Component: RL36370-R002-F The **RL36370-R002-F** is a specialized, high-precision surface-mount resistor primarily used for **current sensing** applications. It belongs to the category of Low Ohmic Metal Strip Resistors. --- ### 1. Key Technical Specifications Based on the part number nomenclature for high-power shunt resistors, here are the primary specifications: | Feature | Specification | Description | | :--- | :--- | :--- | | **Type** | Current Sense Resistor | Designed for monitoring current flow. | | **Resistance Value** | 2 mΩ (0.002 Ω) | Indicated by "R002". Extremely low resistance to minimize power loss. | | **Tolerance** | ±1% | Indicated by "F". High precision for accurate measurement. | | **Package Size** | 3637 (Metric) | Large footprint to facilitate heat dissipation. | | **Technology** | Metal Plate / Strip | Uses a solid metal element for high stability. | --- ### 2. Functional Description This component acts as a **shunt**. When current flows through the 2 mΩ element, it creates a very small, proportional voltage drop according to Ohm's Law ($V = I \times R$). * **Heat Dissipation:** Due to its metal plate construction, it can handle significant current without the resistance value drifting (Low TCR - Temperature Coefficient of Resistance). * **Inductance:** These parts are designed with low self-inductance to ensure accuracy in high-frequency switching power supplies. --- ### 3. Common Applications 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in electric vehicles or portable electronics. 2. **DC-DC Converters:** Providing feedback loops for regulated power supplies. 3. **Motor Control:** Detecting over-current conditions to protect the motor and drive circuitry. 4. **Inverters:** Used in solar power or industrial equipment for precise power monitoring. --- ### 4. Circuit Implementation Example Typically, the resistor is placed in series with the load. The voltage across the resistor is measured by a **Current Sense Amplifier**. ```cpp // Logic for current calculation in a microcontroller float resistance = 0.002; // 2mOhm float voltageDrop = readADC(); // Voltage measured across RL36370 float current = voltageDrop / resistance; ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power rating (Wattage) for this specific 3637 package?
    • ⤷ How does the 'Metal Strip' technology differ from standard Thick Film resistors?
    • ⤷ What are the recommended soldering profiles for this large 3637 footprint?