RL3720WT-R010-F
AI

The **RL3720WT-R010-F** is a high-precision, low-resistance chip resistor manufactured by **Susumu**. It belongs to the RL series, which is specifically designed for current sensing applications due to its "long-side terminal" construction.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Resistance Value** | 10 mΩ (0.010 Ohms) |
| **Tolerance** | ±1% (F) |
| **Power Rating** | 1.0 Watt |
| **Package Size** | 1508 (3720 Metric) |
| **Temperature Coefficient (TCR)** | 0 to +350 ppm/°C |
| **Operating Temperature** | -55°C to +125°C |
| **Technology** | Metal Foil / Thin Film |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the physical characteristics:
* **RL**: Series Name (Power metal foil chip resistors).
* **3720**: Physical Case Size (3.7mm x 2.0mm).
* **WT**: Long-side terminal type (Wide terminal).
* **R010**: Resistance value (R denotes decimal point; 010 = 0.010Ω).
* **F**: Resistance Tolerance (±1.0%).
---
### 3. Distinctive Features
#### Long-Side Terminals (Wide Terminal)
Unlike standard resistors where terminals are on the short ends, the **WT** designation indicates the terminals are on the long sides.
* **Better Heat Dissipation:** The larger terminal surface area allows heat to transfer more efficiently to the PCB.
* **Reduced Parasitic Inductance:** Shortens the current path, making it ideal for high-frequency switching applications.
* **Solder Joint Integrity:** Offers higher mechanical strength against thermal expansion and contraction.
#### Low Resistance (Shunt)
With a resistance of only **10 mΩ**, this part acts as a "Shunt Resistor." It is used to measure current by monitoring the small voltage drop across it ($V = I \times R$).
---
### 4. Typical Applications
* **Power Management:** DC-DC converters and voltage regulators.
* **Battery Monitoring:** Sensing charge/discharge cycles in mobile devices or automotive systems.
* **Motor Control:** Detecting overcurrent conditions in industrial drives.
* **Audio Equipment:** High-fidelity current sensing in amplifiers.
---
- ⤷
Why is a wide terminal (long-side) design preferred for high-wattage sensing?
- ⤷ How does the 10 mΩ resistance value impact the signal-to-noise ratio in a sensing circuit?
- ⤷ What are the common alternatives to the RL3720 series for automotive applications?