RLT1632-F-R100J
AI

The **RLT1632-F-R100J** is a precision **Current Sense Resistor** (also known as a Shunt Resistor). It is designed to measure current flow by creating a small voltage drop that can be monitored by a circuit.
Below is the technical breakdown of the part based on its nomenclature and typical industry standards for the RLT series.
---
### 1. Technical Specifications
The part number can be decoded to reveal its physical and electrical characteristics:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | RLT | Low Resistance / Current Sensing series. |
| **Case Size** | 1632 | Metric: 1.6mm x 3.2mm (Equivalent to **1206 Imperial**). |
| **Tolerance** | F | **±1%** Accuracy. |
| **Resistance Value** | R100 | **0.1 Ohms** (100 mΩ). |
| **Packaging/Suffix** | J | Standard Tape & Reel packaging. |
---
### 2. Key Electrical Features
* **Low Resistance Value:** At 0.1Ω, it minimizes power dissipation ($P = I^2R$) while providing enough voltage for an amplifier to read.
* **High Power Rating:** Usually rated between **0.5W to 1W** (depending on the specific manufacturer, e.g., Susumu or Cyntec), which is higher than standard thick-film resistors of the same size.
* **Long-Side Terminations:** The "1632" indicates the width is larger than the length. This "wide terminal" construction improves heat dissipation and reduces parasitic inductance.
* **Low TCR:** (Temperature Coefficient of Resistance) Typically low, ensuring the resistance value stays stable even as the component heats up.
---
### 3. Internal Construction
These components are generally manufactured using **Metal Foil** or **Thick Film on Ceramic** technology.
1. **Protective Coating:** Epoxy or glass layer to prevent oxidation.
2. **Resistive Element:** A specialized metal alloy (like Manganese-Copper) calibrated to exactly 100mΩ.
3. **Terminations:** Solderable end-caps designed for Surface Mount Technology (SMT).
---
### 4. Common Applications
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in laptops or EVs.
* **DC-DC Converters:** Providing feedback loops for over-current protection.
* **Motor Control:** Detecting stalls or regulating torque by measuring phase current.
* **Power Supplies:** Ensuring the output current remains within safe operating limits.
- ⤷
How does the 'wide terminal' design affect heat dissipation compared to standard 1206 resistors?
- ⤷ What is the maximum current this resistor can handle at a 1W power rating?
- ⤷ How do I calculate the voltage drop across this resistor if the load is 2 Amps?