RLW2012-4-R025G
AI

The **RLW2012-4-R025G** is a high-precision, low-resistance current sensing chip resistor. It is part of the RLW series, which is characterized by a "wide-terminal" design to enhance power dissipation and reliability.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific characteristics of the component:
| Segment | Value | Meaning |
| :--- | :--- | :--- |
| **RLW** | Series | Wide Terminal Current Sensing Resistor |
| **2012** | Case Size | Metric size 2012 (Imperial equivalent: 0805) |
| **4** | Power Rating | Indicates high power (often 1/2W or 2/3W depending on manufacturer) |
| **R025** | Resistance | 0.025 Ohms ($25 m\Omega$) |
| **G** | Tolerance | $\pm 2\%$ (standard for this series) |
---
### 2. Key Technical Specifications
These parts are engineered for power management circuits where accuracy and heat management are critical.
* **Resistance Value:** 25 mΩ (Milliohms).
* **Case Style:** Wide Terminal (the electrodes are on the long sides of the rectangular body).
* **Temperature Coefficient (TCR):** Usually low (approx. $\pm 100 \text{ to } \pm 600 \text{ ppm/}^\circ\text{C}$), ensuring stability across temperatures.
* **Construction:** Thick film or Metal foil on a ceramic substrate.
---
### 3. Features and Advantages
#### Wide Terminal Design
Unlike standard resistors where terminals are on the short ends, the RLW2012 has terminals on the **long sides**. This provides:
1. **Higher Power Rating:** A larger contact area allows for better heat dissipation into the PCB.
2. **Reduced Thermal Stress:** Decreases the risk of solder joint cracking due to thermal expansion.
3. **Lower Inductance:** Ideal for high-frequency switching applications.
#### Current Sensing (Shunt)
Because the resistance is extremely low (25mΩ), this part acts as a "shunt." By measuring the voltage drop across this resistor ($V = I \times R$), a microcontroller can calculate the current flowing through a circuit with minimal power loss.
---
### 4. Common Applications
* **Battery Management Systems (BMS):** Monitoring charge/discharge cycles in laptops or power tools.
* **DC-DC Converters:** Providing feedback for current-mode control.
* **Motor Control:** Detecting overcurrent conditions to protect the motor.
* **LED Drivers:** Ensuring a constant current is supplied to high-power LEDs.
- ⤷
What are the specific soldering requirements for wide-terminal resistors?
- ⤷ How does the power rating of a wide-terminal 2012 size compare to a standard 2012 resistor?
- ⤷ What are the alternatives if I need a tighter tolerance than the 'G' (2%) rating?