Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RLW2012-6-R010J

  • AI
    The **RLW2012-6-R010J** is a specialized surface-mount (SMD) electronic component, specifically a **Current Sensing Chip Resistor**. It is designed with a "Long Side Termination" (Wide Terminal) construction to handle higher power loads and provide better thermal dissipation compared to standard resistors. --- ## 1. Part Number Breakdown Understanding the alphanumeric code helps identify the exact specifications: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **RLW** | Series Name | Wide Terminal Current Sensing Resistor | | **2012** | Case Size (Imperial) | 0805 Case (Length 2.0mm × Width 1.25mm) | | **6** | Power Rating | 1/2 Watt (0.5W) | | **R010** | Resistance Value | 0.010 Ohms (10 mΩ) | | **J** | Tolerance | ± 5% | --- ## 2. Key Technical Specifications Because this is a wide-terminal resistor, the electrodes are placed on the longer sides of the component. This reduces the distance heat must travel to reach the PCB pads. * **Resistance:** 10 Milliohms ($0.01\Omega$) * **Power Rating:** 0.5 Watts (at 70°C) * **Operating Temperature:** -55°C to +155°C * **Temperature Coefficient (TCR):** Typically $\pm 200 \text{ ppm/}^\circ\text{C}$ to $\pm 600 \text{ ppm/}^\circ\text{C}$ (varies by manufacturer). * **Construction:** Metal foil or thick film on ceramic substrate. --- ## 3. Why Use a "Wide Terminal" (Long Side)? Standard 0805 resistors have terminals on the short ends. The RLW2012 (Long Side Termination) offers several advantages: 1. **Higher Power Density:** Can handle more wattage than a standard 0805 resistor of the same footprint. 2. **Reduced Thermal Stress:** The larger contact area with the solder pads acts as a heat sink. 3. **Improved Solder Joint Integrity:** Better resistance to thermal cycling (cracking) due to the geometry of the pads. --- ## 4. Typical Applications This part is primarily used for **Current Sensing** (Shunt Resistor). It converts a current into a small, measurable voltage drop ($V = I \times R$) for a microcontroller or power management IC. * **Battery Management Systems (BMS):** Monitoring charge/discharge cycles. * **DC-DC Converters:** Over-current protection. * **Motor Control:** Detecting stall conditions or controlling torque. * **Power Supplies:** Load regulation. ---
    ✨ Follow-up Questions
    • ⤷ How does the Wide Terminal design impact the PCB layout compared to standard resistors?
    • ⤷ What are the common alternatives if 5% tolerance is too high for my application?
    • ⤷ How do I calculate the maximum current this 10mΩ resistor can handle safely?