Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RLW2012-6-R150G

  • AI
    The **RLW2012-6-R150G** is a high-precision, low-resistance chip resistor commonly used for current sensing applications. Below is a detailed breakdown of its electronic specifications and characteristics. ### 1. Part Number Breakdown The part number follows a standard coding convention for electronic components: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **RLW** | Series | Low resistance, wide terminal type | | **2012** | Case Size | 2.0mm x 1.25mm (Metric) / 0805 (Imperial) | | **6** | Power Rating | Indicates high power (typically 0.5W to 0.75W depending on manufacturer) | | **R150** | Resistance | 0.150 $\Omega$ (150 m$\Omega$) | | **G** | Tolerance | $\pm 2\%$ | --- ### 2. Key Technical Specifications These parameters define how the component behaves within a circuit: * **Resistance Value:** $150 \text{ m}\Omega$. The "R" acts as a decimal point. * **Tolerance:** $\pm 2\%$, meaning the actual resistance will be between $0.147 \Omega$ and $0.153 \Omega$. * **Package Style:** **Wide Terminal (Reverse Geometry).** Unlike standard resistors where the terminals are on the short sides, wide terminal resistors have contacts on the long sides. This improves heat dissipation and reduces ESL (Equivalent Series Inductance). * **Operating Temperature:** Typically $-55^\circ\text{C}$ to $+155^\circ\text{C}$. --- ### 3. Engineering Characteristics The RLW series is engineered for stability in demanding power environments. #### A. Power Dissipation Because of the wide terminal design, this 2012-sized component can handle significantly more power than a standard 0805 resistor. The increased surface area of the solder joints allows heat to flow more efficiently into the PCB traces. #### B. Temperature Coefficient of Resistance (TCR) Low-ohm resistors like this usually feature a low TCR (e.g., $\pm 100 \text{ ppm/}^\circ\text{C}$), ensuring the resistance remains stable even as the part heats up due to current flow. --- ### 4. Typical Applications The R150G is primarily used as a **Shunt Resistor** for current sensing: 1. **DC-DC Converters:** Sensing output current to manage voltage regulation. 2. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles. 3. **Motor Control:** Measuring phase currents to prevent overcurrent conditions. 4. **LED Drivers:** Providing feedback to maintain constant current. --- ### 5. Circuit Implementation Example In a current sensing circuit, the voltage drop ($V$) across the resistor is measured to calculate current ($I$): ```python # Ohms Law: V = I * R resistance = 0.150 # Ohms measured_voltage = 0.030 # 30mV drop current = measured_voltage / resistance print(f"Current flowing: {current} Amps") # Result: 0.2A ``` ---
    ✨ Follow-up Questions
    • ⤷What are the benefits of wide terminal resistors over standard longitudinal terminals?
    • ⤷ How does the power rating change if the ambient temperature exceeds 70°C?
    • ⤷ What are the common manufacturers for the RLW series resistors?