Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RM-02-T-R

  • AI
    The **RM-02-T-R** is a specific part number typically associated with **SMD (Surface Mount Device) Resistor Networks** or **Thick Film Chip Resistor Arrays**. These components are used to condense multiple resistors into a single package to save PCB space and improve manufacturing efficiency. --- ### 1. Technical Specifications The part number follows a standard nomenclature used by manufacturers like **Cal-Chip** or similar electronics suppliers. Below is a breakdown of the typical specifications for this series: | Parameter | Typical Value | |:--- |:--- | | **Component Type** | Resistor Array (Network) | | **Package Size** | 0402 x 2 or 0402 x 4 (Commonly 0804 footprint) | | **Termination Type** | Convex or Concave (T-type usually indicates Convex) | | **Number of Resistors** | Usually 2 or 4 isolated resistors | | **Resistance Tolerance** | ±1% or ±5% (depending on the full code) | | **Packaging** | Tape & Reel (indicated by the "R") | --- ### 2. Part Number Breakdown While manufacturer codes vary slightly, the "RM-02-T-R" identifier generally decodes as follows: * **RM**: Resistor Network / Array. * **02**: Refers to the size of the individual resistor elements (e.g., 0402 size elements). * **T**: Termination style (often "T" for Convex or Tin-plated terminals). * **R**: Packaging method (Tape & Reel). --- ### 3. Key Advantages Using a resistor array like the RM-02-T-R instead of individual discrete resistors offers several benefits: 1. **Space Efficiency**: Higher component density allows for smaller PCB designs. 2. **Placement Cost**: A pick-and-place machine only needs one "hit" to place four resistors, reducing assembly time. 3. **Reliability**: Fewer individual components reduce the number of solder joints that could potentially fail. 4. **Matching**: Resistors within the same array often have better thermal tracking and resistance matching than separate discrete components. --- ### 4. Common Applications These parts are widely used in digital circuits for: * **Pull-up/Pull-down Resistors**: For data lines (I2C, SPI). * **Bus Termination**: For high-speed signal lines. * **LED Current Limiting**: Providing current to multiple status indicators. * **Digital Logic**: Interfacing between microcontrollers and peripherals. --- ### 5. Footprint Example In a standard 4-resistor array configuration, the internal schematic looks like this: ```text [ Pin 8 ] [ Pin 7 ] [ Pin 6 ] [ Pin 5 ] | | | | [ R1 ] [ R2 ] [ R3 ] [ R4 ] | | | | [ Pin 1 ] [ Pin 2 ] [ Pin 3 ] [ Pin 4 ] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between convex and concave terminations in resistor arrays?
    • ⤷ How do I determine the specific resistance value from the full RM-02-T-R part number?
    • ⤷ Can this component be used in high-power applications?