AI

The **RM-03-T-R** typically refers to a high-precision, thick-film chip resistor array. These components are used to save PCB space by integrating multiple resistors into a single package, commonly used in pull-up/pull-down networks and digital signal termination.
### 1. Key Technical Specifications
Below are the general electrical and physical characteristics associated with the RM-03 series (standard for 0603x4 or similar array configurations):
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Thick Film Chip Resistor Array |
| **Package Code** | 03 (often representing 0603 size per element) |
| **Termination Style** | T (Convex termination) |
| **Packaging** | R (Tape & Reel) |
| **Number of Resistors** | Usually 4 isolated resistors |
| **Power Rating** | 1/10W (0.1W) per element |
| **Max Working Voltage** | 50V |
| **Operating Temp** | -55°C to +155°C |
---
### 2. Part Number Breakdown
While naming conventions can vary slightly by manufacturer (such as ASJ, Viking, or Ralec), the nomenclature generally follows this logic:
* **RM**: Series Prefix (Resistor Network/Array).
* **03**: Size Code. In many catalogs, "03" refers to the 0603 scale (approx. 1.6mm x 0.8mm per element), though in some specific brands, it may denote a 1206-sized array containing four 0603 elements.
* **T**: Termination Type. Usually stands for **Convex** electrodes (the most common type for easy soldering and inspection).
* **R**: Packaging. Stands for **Tape & Reel**, intended for automated SMT (Surface Mount Technology) pick-and-place machines.
---
### 3. Internal Schematic & Application
The RM-03 series usually features an **isolated** circuit, meaning each resistor in the package is independent.
#### Typical Use Cases:
* **DDR Memory Terminations:** Managing impedance on high-speed data lines.
* **LED Current Limiting:** Driving multiple LEDs with a single compact component.
* **Digital Logic:** Pull-up or pull-down resistors for microcontrollers (MCU) and FPGAs.
#### Internal Structure Representation:
```text
Pin 8 Pin 7 Pin 6 Pin 5
| | | |
[ R1 ] [ R2 ] [ R3 ] [ R4 ]
| | | |
Pin 1 Pin 2 Pin 3 Pin 4
```
---
### 4. Advantages of using RM-03-T-R
1. **Space Efficiency:** Replaces four discrete 0603 resistors with one component, reducing the PCB footprint by up to 30-50%.
2. **Assembly Speed:** Reduces the number of placements required by the SMT machine, lowering manufacturing costs.
3. **Reliability:** Higher placement accuracy compared to four individual tiny chips.
---
- ⤷What is the difference between convex and concave terminations in resistor arrays?
- ⤷ How do I determine the resistance value for this part if it isn't in the suffix?
- ⤷ Can this resistor array be used in high-frequency RF circuits?