Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RM-12-T-R

  • AI
    Based on its technical nomenclature, the **RM-12-T-R** typically refers to a high-precision, miniature rotary switch or a specific potentiometer component (often manufactured by companies like **Copal Electronics** or **Nidec**). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The RM-12 series is designed for space-constrained PCB layouts requiring high reliability and environmental sealing. | Feature | Specification (Typical) | | :--- | :--- | | **Product Type** | Rotary Selector Switch / Trimmer | | **Number of Positions** | Typically 10 or 16 (Binary/Hexadecimal) | | **Terminal Type** | Through-hole (T) or Surface Mount | | **Seal Rating** | IP67 (Washable/Dust-proof) | | **Operating Temperature** | -40°C to +85°C | ### 2. Part Number Breakdown The suffixing in the part number **RM-12-T-R** generally follows this logic: * **RM-12**: The series designation (12mm or 10mm class miniature rotary). * **T**: Indicates the terminal shape or packaging style (often "Through-hole" or "Top-actuated"). * **R**: Usually denotes the **Real Code** output (Binary Coded Decimal) or "RoHS compliant/Reel packaging" depending on the specific manufacturer's datasheet. ### 3. Electrical Characteristics These parts are designed for low-current signal switching rather than power delivery. | Parameter | Value | | :--- | :--- | | **Contact Rating (Switching)** | 5V DC, 100mA | | **Contact Rating (Non-switching)** | 50V DC, 100mA | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 1000 MΩ at 100V DC | | **Dielectric Strength** | 250V AC for 1 minute | ### 4. Typical Applications The RM-12-T-R is commonly found in industrial and consumer electronics for: * **Address Setting:** Setting IDs for sensors or nodes in a networked system (e.g., RS-485 or CAN bus). * **Mode Selection:** Choosing operation modes on a control board. * **Configuration:** Adjusting internal parameters without needing a digital interface. --- ### 5. Implementation Example When integrating this part into a circuit, it is usually used with pull-up resistors to interface with a microcontroller (MCU). ```c // Pseudo-code for reading a BCD Rotary Switch (RM-12) int readRotarySwitch() { int val = 0; val |= digitalRead(PIN_BIT_1) << 0; val |= digitalRead(PIN_BIT_2) << 1; val |= digitalRead(PIN_BIT_4) << 2; val |= digitalRead(PIN_BIT_8) << 3; return val; // Returns 0-9 for BCD or 0-15 for Hex } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Real Code and Complementary Code in rotary switches?
    • ⤷ How does the IP67 rating affect the soldering process for the RM-12?
    • ⤷ Can you provide a wiring diagram for connecting this switch to an Arduino?