RMR-04-R
AI

The **RMR-04-R** is a specific type of electronic component, typically identified as a **4-position, right-angle, surface-mount (SMT) DIP switch**. These components are widely used in electronics to set binary configurations or device addresses manually.
---
### Technical Specifications
Below are the typical technical characteristics associated with the RMR-04-R series:
| Parameter | Specification |
| :--- | :--- |
| **Number of Positions** | 4 |
| **Actuator Type** | Recessed Rocker or Slide |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Pitch** | 2.54mm (0.1 inch) or 1.27mm (Half-pitch) |
| **Contact Rating** | 25mA at 24VDC (Switching) |
| **Insulation Resistance** | 100MΩ Minimum |
| **Operating Temp** | -40°C to +85°C |
---
### Key Features
1. **Right-Angle Orientation:**
The "R" in the suffix usually denotes a **Right-Angle** configuration. This means the actuators are accessible from the side of the PCB rather than the top, which is ideal for side-panel access in slim enclosures.
2. **Gold-Plated Contacts:**
Most RMR series switches utilize gold plating on the contacts to prevent oxidation and ensure high reliability over the component's lifespan.
3. **Reflow Soldering Compatibility:**
Designed with high-temperature plastics (like LCP or PPS), these parts can withstand the heat of infrared (IR) or convection reflow soldering processes.
---
### Internal Structure & Operation
The RMR-04-R operates as a set of four independent **SPST (Single Pole Single Throw)** switches.
* **Logic 0:** Switch in the "OFF" position (Open circuit).
* **Logic 1:** Switch in the "ON" position (Closed circuit).
#### Typical Pinout Diagram
```text
TOP VIEW (Right Angle)
___________________
| [1] [2] [3] [4] | <-- Actuators
|___________________|
| | | | | <-- SMT Leads (Output)
[Common/Input Side Hidden Underneath]
```
---
### Common Applications
* **Industrial Controls:** Setting Modbus or CAN bus node IDs.
* **Consumer Electronics:** Configuring WiFi channels or mode selections.
* **Computer Peripherals:** Setting master/slave configurations on legacy hardware.
* **Security Systems:** Coding remote controls or sensors.
- ⤷
What is the difference between the RMR-04-R and the standard RM-04 series?
- ⤷ Can this switch be automatically washed after soldering?
- ⤷ What are the recommended footprint dimensions for the RMR-04-R on a PCB?