Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RP-06-R-T

  • AI
    The **RP-06-R-T** is a specific part number typically associated with **SMD (Surface Mount Device) Resistors**, often found in the catalogs of manufacturers like *ASJ* or *Rohm*. It belongs to the **0603 package size** family, which is one of the most common footprints in modern PCB design. --- ### 1. Technical Specifications The part number is a coded string that defines the physical and electrical characteristics of the component. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series/Type** | RP | Precision Metal Film or Thick Film Resistor | | **Package Size** | 06 | 0603 Inch (1608 Metric) | | **Tolerance** | R | Typically represents ±0.01% or specific precision | | **Packaging** | T | Tape & Reel (for automated SMT assembly) | | **Dimensions** | 1.6mm x 0.8mm | Small footprint for high-density boards | --- ### 2. Key Features * **Precision Performance:** These resistors are often used in circuits requiring high accuracy and low temperature drift. * **Stability:** Designed to maintain resistance values under varying thermal conditions. * **Automated Assembly:** The "T" suffix ensures the part comes on a reel, compatible with high-speed pick-and-place machines. * **RoHS Compliant:** Lead-free and environmentally friendly materials. --- ### 3. Common Applications Due to its size and precision, the RP-06 series is found in: 1. **Consumer Electronics:** Smartphones, tablets, and laptops. 2. **Medical Equipment:** Monitoring devices where signal accuracy is critical. 3. **Industrial Controls:** Sensor interfaces and feedback loops. 4. **Telecommunications:** Signal processing and RF modules. --- ### 4. Part Number Breakdown (Generic Example) While coding varies slightly by manufacturer, here is the standard logic for this series: ```text RP - 06 - R - T | | | | Series Size Tol. Packaging ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the power rating for the 0603 package size?
    • ⤷ How does the 'R' tolerance compare to standard 'J' or 'F' tolerances?
    • ⤷ Are there specific temperature coefficient (TCR) values for the RP-06 series?