RP-08-R-T
AI

The **RP-08-R-T** typically refers to a high-precision, thin-film surface mount resistor. While part numbering can vary slightly between manufacturers (such as Viking Tech or Susumu), this specific nomenclature follows a standard industrial format for precision components.
---
### 1. Part Number Breakdown
The alphanumeric code describes the physical and electrical characteristics of the component:
| Segment | Meaning | Common Specification |
| :--- | :--- | :--- |
| **RP** | Series Code | High Precision Thin Film Chip Resistor |
| **08** | Case Size | 1206 Imperial (3216 Metric) |
| **R** | Resistance Value | "R" acts as a decimal point (e.g., 10R0 = 10 $\Omega$) |
| **T** | Packaging | Tape & Reel (T) |
---
### 2. Technical Specifications
Thin-film resistors like the RP-08 series are chosen for applications requiring high stability and low noise.
* **Technology:** Thin Film (Metal Layer sputtered onto a ceramic substrate).
* **Case Size:** 1206 (Dimensions: 3.2mm x 1.6mm).
* **Typical Tolerance:** Often available in $\pm$0.1% or $\pm$0.05% (very high accuracy).
* **Temperature Coefficient (TCR):** Usually low, ranging from 10ppm/°C to 50ppm/°C.
* **Power Rating:** Typically 1/8W (0.125W) or 1/4W depending on specific sub-series.
---
### 3. Comparison: Thin Film vs. Thick Film
The RP series (Thin Film) is significantly more advanced than standard "General Purpose" resistors.
| Feature | Thin Film (RP-08) | Thick Film (Standard) |
| :--- | :--- | :--- |
| **Precision** | Very High (0.01% - 0.1%) | Moderate (1% - 5%) |
| **Noise** | Extremely Low | Higher |
| **Stability** | Excellent over time/temp | Moderate |
| **Cost** | Higher | Very Low |
---
### 4. Common Applications
Due to its precision, the RP-08-R-T is found in:
1. **Medical Equipment:** High-accuracy monitoring devices.
2. **Instrumentation:** Multimeters and calibration tools.
3. **Audio Circuits:** Low-noise signal processing.
4. **Power Management:** Precise voltage sensing and current shunts.
---
- ⤷
What is the specific resistance value indicated for your circuit?
- ⤷ How does the TCR (Temperature Coefficient) affect this resistor's performance in high-heat environments?
- ⤷ Can you provide the manufacturer name to verify the exact power rating?