RPM7240-R
AI

## Overview of the RPM7240-R
The **RPM7240-R** is a high-performance infrared (IR) receiver module designed for remote control systems. It is manufactured by ROHM Semiconductor. This component integrates a photodiode and a specialized IC into a single, compact package to simplify the design of IR wireless communication interfaces.
---
### Technical Specifications
The following table outlines the key electrical and physical characteristics of the RPM7240-R:
| Parameter | Specification |
| :--- | :--- |
| **Carrier Frequency** | 40.0 kHz |
| **Supply Voltage (Vcc)** | 2.7V to 3.6V (Low voltage operation) |
| **Supply Current** | Approx. 0.3mA to 0.5mA |
| **Effective Distance** | Up to 15 meters (depending on transmitter) |
| **Peak Wavelength** | 950 nm |
| **Output Type** | Active Low (Open Collector) |
| **Operating Temp** | -10°C to +75°C |
---
### Internal Functional Blocks
The module is not just a sensor; it contains a complex signal processing circuit internally. The main stages include:
1. **Photodiode:** Converts the incoming IR light pulses into electrical signals.
2. **Preamplifier:** Boosts the weak signal from the photodiode.
3. **AGC (Automatic Gain Control):** Adjusts the sensitivity to compensate for different ambient light levels or distances.
4. **Band Pass Filter (BPF):** Specifically tuned to **40 kHz**. It rejects signals from other sources (like sunlight or fluorescent lamps) that do not match this frequency.
5. **Demodulator & Integrator:** Extracts the data envelope from the 40 kHz carrier wave.
6. **Output Driver:** Provides a clean digital signal to a microcontroller.
---
### Pin Configuration
The RPM7240-R typically features a 3-pin interface:
1. **Vout (Output):** Connects to the GPIO or Interrupt pin of a microcontroller.
2. **GND (Ground):** Connected to the system ground.
3. **Vcc (Power):** Connected to a 3V power source (standard for low-power mobile or battery devices).
---
### Typical Application Circuit
When implementing this part, it is standard practice to use a low-pass filter on the power line to reduce noise.
```c
// Example Wiring Logic
[Vcc Pin] ---[ 100 Ohm Resistor ]---+--- [ Power Supply 3.3V ]
|
[ 47uF Capacitor ]
|
[GND Pin] --------------------------+--- [ Ground ]
[Vout Pin] ----------------------------- [ MCU Input Pin ]
```
---
### Key Advantages
* **Low Voltage Support:** Ideal for battery-operated devices (2.7V - 3.6V).
* **High Noise Immunity:** Excellent at filtering out electromagnetic interference (EMI) and ambient light noise.
* **Compact Form Factor:** Small side-view or top-view packages (depending on the specific R-series variant) allow for integration into slim consumer electronics.
- ⤷
What is the difference between the 40kHz RPM7240 and the 38kHz RPM7238 version?
- ⤷ Can this module be used with a 5V power supply safely?
- ⤷ How does the AGC circuit handle interference from energy-saving light bulbs?