Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RS-01-R-T

  • AI
    The **RS-01-R-T** typically refers to a high-precision, thin-film chip resistor. These components are critical in electronic circuits where stability, low noise, and tight tolerances are required. Below is a detailed breakdown of its specifications and characteristics. --- ### 1. Technical Specifications The part number usually follows a standardized coding system. Here is the general breakdown of the electronic parameters for this series: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | Thin Film | Precision metal film deposited on a ceramic substrate. | | **Case Size** | 0402 (Metric 1005) | Compact footprint for high-density PCB designs. | | **Resistance Range** | 1Ω to 1MΩ | Varies based on the specific numerical code in the full SKU. | | **Tolerance** | ±0.01% to ±0.1% | Extremely high precision compared to standard resistors. | | **Power Rating** | 1/16W (0.063W) | Standard power dissipation for the 0402 package size. | | **Temperature Coeff. (TCR)** | ±10 to ±50 ppm/°C | Minimal resistance change during temperature fluctuations. | --- ### 2. Physical Construction Thin-film resistors like the RS-01-R-T are constructed using a vacuum evaporation or sputtering process. * **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic. * **Resistive Layer:** A thin layer of NiCr (Nickel-Chromium) or similar alloy. * **Terminations:** Multi-layer construction (Inner electrode, Nickel barrier, and Tin solder coating) to ensure excellent solderability and prevent leaching. * **Protective Coating:** An epoxy or glass-based overcoat to protect against moisture and mechanical damage. --- ### 3. Key Applications Because of its "Thin Film" nature, this part is used where accuracy is more important than raw power handling: * **Medical Equipment:** Precision monitoring and diagnostic tools. * **Instrumentation:** Measurement devices that require low thermal noise. * **Telecommunications:** Signal processing and high-frequency base stations. * **Automotive Electronics:** Control units (ECUs) requiring stability across temperature ranges. --- ### 4. Comparison: Thin Film vs. Thick Film It is important to distinguish the RS-01-R-T from standard "Thick Film" (General Purpose) resistors: | Feature | Thin Film (RS-01-R-T) | Thick Film (Standard) | | :--- | :--- | :--- | | **Accuracy** | Very High | Moderate | | **Temperature Stability** | Excellent | Average | | **Noise Level** | Very Low | Higher | | **Cost** | Higher | Lower |
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value associated with your specific RS-01-R-T part number?
    • ⤷ Do you need the footprints or land pattern dimensions for PCB layout?
    • ⤷ Are you looking for equivalent replacements from other manufacturers like Vishay or Yageo?