RS-11-R
AI

The **RS-11-R** typically refers to a specific model of **Rocker Switch**. These are mechanical switches used to control the flow of electricity in various electronic devices and appliances.
Below is a detailed breakdown of its electronic specifications and characteristics.
### 1. Key Technical Specifications
The electrical ratings determine the maximum voltage and current the switch can safely handle without damage or fire hazard.
| Feature | Specification |
| :--- | :--- |
| **Contact Configuration** | SPST (Single Pole Single Throw) |
| **Switching Function** | ON - OFF |
| **Rated Voltage** | 125V AC / 250V AC |
| **Rated Current** | 10A (at 125V) / 6A (at 250V) |
| **Contact Resistance** | < 50 mΩ |
| **Insulation Resistance** | > 100 MΩ (at 500V DC) |
| **Dielectric Strength** | 1500V AC for 1 minute |
| **Operating Temperature** | -25°C to +85°C |
---
### 2. Internal Components
While it looks simple from the outside, the RS-11-R consists of several precision-engineered parts:
* **Actuator (The Rocker):** The plastic part you press. In the "R" variant, this is usually **Red** and may be illuminated or non-illuminated.
* **Contacts:** Usually made of silver-plated copper or brass to ensure high conductivity and resistance to oxidation.
* **Terminal Pins:** These protrude from the bottom for connection. They are typically **Solder Lugs** or **Quick-Connect (Faston)** tabs.
* **Internal Spring:** A snap-action mechanism that ensures a fast transition between ON and OFF states to prevent "arcing" (sparks).
---
### 3. Circuit Diagram (SPST)
The RS-11-R functions as a simple break in a single wire.
```text
[Power Source] ----(Terminal 1) \ (Terminal 2)---- [Load/Device]
^
Switch Contact
```
### 4. Common Applications
Due to its compact size and moderate power rating, the RS-11-R is found in:
1. **Small Appliances:** Coffee makers, lamps, and fans.
2. **Power Strips:** Used as the main reset or power switch.
3. **Industrial Equipment:** Control panels for machinery.
4. **DIY Electronics:** Used in project boxes for battery-operated or AC-powered prototypes.
---
### 5. Identification "R" Suffix
In electronic part numbering, the **-R** often indicates specific variations:
* **Color:** Red actuator.
* **RoHS:** Compliance with environmental standards (Restriction of Hazardous Substances).
* **Illumination:** In some brands, it signifies a red neon or LED light inside the switch.
- ⤷
How do I wire an illuminated RS-11-R switch compared to a non-illuminated one?
- ⤷ What is the physical cutout dimension required for mounting an RS-11-R?
- ⤷ Can this switch be used for DC applications like 12V automotive circuits?