RS3-609S-R15
AI

The **RS3-609S-R15** is a high-performance, isolated DC/DC converter module manufactured by **RECOM Power**. It belongs to the RS3 series, which is designed for industrial applications requiring high power density and reliable voltage regulation.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 4.5V – 9V DC (6V Nominal) |
| **Output Voltage** | 9V DC |
| **Output Current** | 333 mA |
| **Isolation Voltage** | 1.6kV DC (standard) / up to 3kV DC |
| **Efficiency** | 75% - 81% |
| **Package Type** | SIP8 (Single In-line Package) |
| **Operating Temperature** | -40°C to +85°C (without derating) |
---
### 2. Functional Description
The device acts as a regulated power supply that converts an unstable input voltage into a stable 9V output.
* **2:1 Input Range:** It can handle fluctuations in input voltage from 4.5V to 9V while maintaining a steady output.
* **Isolation:** The "15" in the suffix often denotes enhanced isolation (1.5kV or 3kV depending on the specific sub-series configuration), which protects sensitive downstream components from high-voltage spikes on the input side.
* **Regulation:** Unlike cheaper unregulated converters, this part maintains its output voltage regardless of load changes (within its rated current).
---
### 3. Pin Configuration (SIP8 Package)
The RS3 series typically follows the industry-standard SIP8 footprint:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | -Vin | Negative Input Voltage |
| 2 | +Vin | Positive Input Voltage |
| 3 | CTRL | Remote On/Off (Optional/Model dependent) |
| 5 | NC | No Connection |
| 6 | +Vout | Positive Output Voltage |
| 7 | -Vout | Negative Output Voltage |
| 8 | CS | Case Ground (Optional) |
---
### 4. Common Applications
* **Industrial Automation:** Powering sensors and controllers where ground loops must be avoided.
* **Data Acquisition:** Providing clean, isolated power to analog-to-digital converters (ADCs).
* **Battery Powered Systems:** Managing voltage levels in mobile equipment where battery levels fluctuate.
---
### 5. Implementation Notes
```cpp
// Example: Thermal Management logic
if (ambient_temp > 85) {
reduce_load(); // Power derating is required above 85°C
}
```
* **Capacitance:** It is recommended to place a 10µF low-ESR capacitor across the input to reduce reflected ripple current.
* **Short Circuit Protection:** The module features continuous short-circuit protection with automatic restart (hiccup mode).
- ⤷What is the difference between the RS3-609S and the R15 version?
- ⤷ Does this converter require external heat sinking?
- ⤷ Can I use this module to create a dual +/- 9V output?