RSC-R1U-E8R
AI

The **RSC-R1U-E8R** is a specific 1U rackmount server chassis/riser assembly model, typically associated with AIC (Advanced Industrial Computer) hardware. It is designed to facilitate high-density storage and PCIe expansion in a slim form factor.
Below is an explanation of its core electronic components and technical specifications.
---
### 1. Key Electronic Components
The "E8R" designation typically refers to the specific backplane and riser configuration integrated into the 1U chassis.
| Component | Description |
| :--- | :--- |
| **Backplane (SAS/SATA)** | A high-speed PCB that connects the 8 drive bays to the motherboard/RAID controller. It handles power distribution and data signal integrity. |
| **PCIe Riser Card** | An electronic bridge that rotates the orientation of PCIe slots by 90 degrees to fit full-height cards into a 1U (1.75 inch) tall space. |
| **Expander Chip (Optional)** | Depending on the specific sub-version, it may contain an LSI/Broadcom SAS expander chip to manage 8 drives using fewer data cables. |
| **Power Distribution Board (PDB)** | Manages the intake from the redundant power supplies and distributes 12V/5V/3.3V rails to the motherboard and backplane. |
---
### 2. Technical Specifications
This unit is engineered for NVMe or SAS/SATA configurations. The electronic layout is optimized for thermal management and signal speed.
* **Form Factor:** 1U Rackmount.
* **Drive Support:** 8 x 2.5" Hot-swap drive bays (SFF).
* **Interface:** 12Gb/s SAS 3.0 / 6Gb/s SATA or NVMe (Gen3/Gen4 depending on the revision).
* **Connectors:** Typically utilizes **SFF-8643** (Mini-SAS HD) or **SFF-8611** (OCuLink) connectors for data transmission.
---
### 3. Electronic Architecture Diagram (Conceptual)
```mermaid
graph TD
PSU[Redundant Power Supplies] --> PDB[Power Distribution Board]
PDB --> MB[Motherboard]
PDB --> BP[E8R Backplane]
MB -- SAS/PCIe Cables --> BP
BP --> D1[Drive 1]
BP --> D2[Drive 2...]
BP --> D8[Drive 8]
```
---
### 4. Important Considerations for Integration
1. **Signal Integrity:** The electronic traces on the E8R backplane are designed for high-frequency signals. Using non-shielded or excessively long cables can lead to data CRC errors.
2. **SES Support:** The backplane electronics usually support **SCSI Enclosure Services (SES)**, allowing the OS to monitor drive temperatures and control the LED status indicators (Fault/Locate/Activity).
3. **Power Draw:** The backplane is designed to handle the "in-rush" current required when 8 SSDs or HDDs spin up simultaneously.
- ⤷
Does the RSC-R1U-E8R support NVMe Gen4 speeds or is it limited to Gen3?
- ⤷What specific SFF cables are required to connect this backplane to a Broadcom RAID card?
- ⤷How do I configure the SES jumpers on the E8R backplane for LED management?