RSR-02-R
AI

## Overview of the RSR-02-R
The **RSR-02-R** is a specific electronic component typically identified as a **Radial Lead Resettable Fuse** (also known as a Polymeric Positive Temperature Coefficient or **PPTC** device). These parts are used for overcurrent protection in electronic circuits.
Unlike traditional fuses that "blow" and must be replaced, the RSR-02-R increases its resistance significantly when an overcurrent occurs, then resets once the fault is cleared and the temperature drops.
---
### Technical Specifications
Below is a breakdown of the typical electronic characteristics for the RSR-02-R series:
| Parameter | Description | Typical Value |
| :--- | :--- | :--- |
| **$I_{hold}$** | Maximum current the device will not trip at $23^\circ C$ | 0.20 A (200mA) |
| **$I_{trip}$** | Minimum current that will cause the device to trip | 0.40 A (400mA) |
| **$V_{max}$** | Maximum voltage the device can withstand | 30V - 60V (Series dependent) |
| **$I_{max}$** | Maximum fault current the device can safely handle | 40 A |
| **$P_d$** | Power dissipated from the device in tripped state | 0.41 W |
| **Temperature Range** | Operating environment capability | $-40^\circ C$ to $+85^\circ C$ |
---
### Key Electronic Functions
1. **Overcurrent Protection:** It acts as a gatekeeper. If the current exceeds $I_{trip}$, the internal polymer expands, breaking the conductive chain and stopping the flow of electricity.
2. **Automatic Reset:** Once the power is removed and the device cools down, the polymer shrinks, the conductive pathways re-establish, and the circuit functions normally again.
3. **Resistance Change:**
* **Normal State:** Very low resistance (milliohms).
* **Tripped State:** Very high resistance (kilo-ohms).
---
### Physical Construction
The "R" suffix and "Radial" designation refer to the physical lead configuration:
* **Encapsulation:** Cured, flame-retardant epoxy polymer (meeting UL 94V-0 requirements).
* **Leads:** Two tin-plated copper wires extending from the bottom of the disc.
* **Form Factor:** Disc-shaped, small footprint for Through-Hole Technology (THT) on PCBs.
---
### Common Applications
The RSR-02-R is frequently found in:
* **USB Ports:** Protecting against shorts in peripheral devices.
* **Battery Packs:** Preventing damage from accidental short circuits.
* **Security Systems:** Protecting sensors and control panels.
* **Transformers:** Used as secondary protection for low-voltage power supplies.
---
- ⤷
What is the difference between I-hold and I-trip in this component?
- ⤷ How does ambient temperature affect the performance of the RSR-02-R?
- ⤷ Can this fuse be used in high-voltage AC circuits?