RTD-25V222MKHT-R5
AI

The part number **RTD-25V222MKHT-R5** refers to a specific **Aluminum Electrolytic Capacitor**. Below is a detailed technical breakdown of its specifications and electronic characteristics.
### 1. General Specifications
Based on standard industry nomenclature (common for manufacturers like Samyoung or similar series), here are the core parameters:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Capacitance** | 2200 µF | The charge storage capacity (222 = 22 x 10^2 pF/µF logic). |
| **Rated Voltage** | 25V | The maximum DC voltage it can handle continuously. |
| **Tolerance** | ±20% (M) | The allowable variance in capacitance. |
| **Mounting Type** | Radial Lead | Through-hole mounting with leads on the same side. |
| **Temperature** | -40°C to +105°C | Rated for high-temperature environments. |
---
### 2. Part Number Breakdown
The alphanumeric code follows a specific sequence used to identify the component's physical and electrical properties:
* **RTD**: Refers to the **Series Name**. RTD series are typically "Low Impedance" and "High Reliability" types designed for power supplies.
* **25V**: The Working Voltage (WV).
* **222**: The Capacitance code. The first two digits (22) are significant figures; the third (2) is the multiplier ($10^2$). Result: $2200$ µF.
* **M**: Tolerance code ($M = \pm 20\%$).
* **KHT**: Typically refers to the physical size (Case Code) and lead configuration (e.g., specific Diameter x Length).
* **R5**: Usually indicates the Lead Pitch (e.g., 5.0mm) or specific packaging/taping style.
---
### 3. Electronic Characteristics & Applications
#### Key Performance Features:
* **Low ESR/Impedance:** Designed to minimize energy loss and heat generation during high-frequency operation.
* **Ripple Current Handling:** These capacitors are built to withstand significant AC ripple currents common in DC-DC converters.
* **Polarity:** As an electrolytic capacitor, it is **polarized**. The negative terminal must be connected to the lower potential to avoid component failure.
#### Common Use Cases:
1. **Filtering:** Used in the output stage of Switching Mode Power Supplies (SMPS) to smooth out voltage ripples.
2. **Decoupling:** Placed near high-power integrated circuits to provide instantaneous current and reduce noise.
3. **Energy Storage:** Temporary power backup for circuit segments during voltage fluctuations.
---
### 4. Safety and Handling
* **Voltage Margin:** It is best practice to operate the capacitor at roughly 80% of its rated voltage (e.g., 20V for this 25V part) to extend its lifespan.
* **Orientation:** Ensure the "stripe" on the casing (indicating the negative lead) aligns with the PCB markings.
- ⤷
What is the standard lifespan (in hours) for the RTD series at 105\u00b0C?
- ⤷ How does 'Low ESR' improve the efficiency of a power supply circuit?
- ⤷ Can this 25V capacitor be used in a 24V circuit
- ⤷ or is the safety margin too low?