AI

The part number **RTD-35V152MKHT-R5** refers to a high-performance **Aluminum Electrolytic Capacitor**. Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Capacitance** | 1,500 µF (Microfarads) |
| **Voltage Rating** | 35V DC |
| **Tolerance** | ±20% (Standard for electrolytic caps) |
| **Temperature Range** | Typically up to +125°C or +150°C (RTD series is often high-temp) |
| **Mounting Type** | Surface Mount Device (SMD) |
| **Form Factor** | V-Chip / Cylindrical SMD |
---
### 2. Part Number Breakdown (Nippon Chemi-Con / United Chemi-Con Style)
While specific codes can vary slightly by manufacturer, the nomenclature generally follows this logic:
* **RTD**: Represents the **Series**. The RTD series is usually designed for automotive applications requiring high reliability, high temperature resistance, and vibration resistance.
* **35V**: The maximum working voltage (35 Volts).
* **152**: The capacitance code. The first two digits (15) are the significant figures, and the third (2) is the multiplier ($10^2$). Thus, $15 \times 100 = 1,500 \text{ µF}$.
* **M**: The tolerance code ($M = \pm20\%$).
* **KHT**: Typically refers to the case size and internal packaging technology (High-temperature sealing).
* **R5**: Refers to the lead-free/RoHS compliance status and packaging format (e.g., Tape and Reel).
---
### 3. Key Features & Applications
#### Features
* **Low ESR:** Designed to handle high ripple currents with minimal internal heating.
* **AEC-Q200 Qualified:** Most parts in the RTD series are automotive grade, meaning they have passed rigorous stress tests.
* **Vibration Resistance:** The "R5" or "K" suffixes often denote anti-vibration structures (extra terminals or reinforced bases) to withstand high G-forces in engines.
#### Common Applications
1. **Automotive ECU:** Power filtering for Engine Control Units.
2. **DC/DC Converters:** Smoothing output voltage in automotive power supplies.
3. **Industrial Controls:** High-temperature environments where standard capacitors would dry out and fail prematurely.
---
### 4. Comparison Table: Standard vs. RTD Series
| Feature | Standard Electrolytic | RTD Series (RTD-35V152...) |
| :--- | :--- | :--- |
| **Max Temp** | 85°C or 105°C | 125°C to 150°C |
| **Vibration** | Low tolerance | High (Anti-vibration base) |
| **Lifespan** | ~2,000 hours | Up to 5,000+ hours at rated temp |
---
- ⤷
What is the exact physical case dimension for the KHT size code?
- ⤷ How does the ripple current rating of the RTD series compare to the RYA series?
- ⤷ What are the soldering profile requirements for this SMD capacitor?