RTF-16-R0AR
AI

The **RTF-16-R0AR** is a specific model of a **Rotary Coded Switch** (DIP Switch style) manufactured by companies like **Copal Electronics** (now Nidec Components). It is commonly used in industrial control panels, telecommunications, and circuit board configuration.
---
## 1. Technical Specifications
The "16" in the part number indicates it is a **Hexadecimal** switch, providing 16 distinct positions (0-9 and A-F).
| Feature | Specification |
| :--- | :--- |
| **Number of Positions** | 16 (Hexadecimal) |
| **Output Code** | Real Code (Binary Coded Hexadecimal) |
| **Actuator Type** | Flat Slot (Flush) or Knob |
| **Terminal Type** | Through-hole (Right Angle) |
| **Contact Rating** | 100mA @ 5V DC (Switching) / 100mA @ 50V DC (Non-switching) |
| **Operating Temperature** | -25°C to +70°C |
| **Rotational Torque** | 20 mN·m |
---
## 2. Pin Configuration and Truth Table
The device converts the physical position of the dial into a 4-bit Binary Coded Hexadecimal (BCH) output. It typically has 5 pins: one **Common (C)** pin and four **Data (1, 2, 4, 8)** pins.
### Hexadecimal Truth Table
| Dial Position | Pin 1 (2⁰) | Pin 2 (2¹) | Pin 4 (2²) | Pin 8 (2³) |
| :---: | :---: | :---: | :---: | :---: |
| **0** | OFF | OFF | OFF | OFF |
| **1** | **ON** | OFF | OFF | OFF |
| **7** | **ON** | **ON** | **ON** | OFF |
| **9** | **ON** | OFF | OFF | **ON** |
| **F** | **ON** | **ON** | **ON** | **ON** |
---
## 3. Key Electronic Components & Materials
* **Contacts:** Usually gold-plated to ensure low contact resistance and prevent oxidation over long periods of inactivity.
* **Housing:** High-temperature plastic (often PPS or PBT) to withstand wave soldering.
* **Rotor:** The internal mechanical disc that bridges the common pin to the specific output pins based on the physical angle.
* **Sealing:** These units are often "washable," meaning they have an O-ring or epoxy seal to allow board cleaning after soldering without damaging the internals.
---
## 4. Part Number Breakdown: RTF-16-R0AR
* **RTF:** Series name (Rotary Coded Switch).
* **16:** Number of positions (16 = Hexadecimal).
* **R:** Code type (R = Real Code; C = Complementary Code).
* **0:** Actuator style (0 = Flat/Flush type).
* **A:** Terminal pin shape (A = Right Angle / Side entry).
* **R:** Packaging (R = RoHS Compliant / Tray or Reel).
---
- ⤷
What is the difference between Real Code and Complementary Code in these switches?
- ⤷ How do I interface this switch with an Arduino or microcontroller?
- ⤷ Can this switch be used for high-voltage applications?