Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RTQ035P02FHA

  • AI
    The **RTQ035P02FHA** is a small-signal P-channel MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by ROHM Semiconductor. It is primarily designed for high-speed switching and low-voltage drive applications. --- ### ## Technical Specifications The following table highlights the core electrical characteristics of the RTQ035P02FHA: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | -20 | V | | **Continuous Drain Current** | $I_D$ | -3.5 | A | | **Gate-Source Voltage** | $V_{GSS}$ | ±12 | V | | **Static Drain-Source On-State Resistance** | $R_{DS(on)}$ | 54 (Typ.) | mΩ | | **Power Dissipation** | $P_D$ | 1.25 | W | | **Junction Temperature** | $T_j$ | 150 | °C | --- ### ## Key Features & Benefits * **Low On-resistance ($R_{DS(on)}$):** This reduces power loss and heat generation during operation, making it efficient for battery-powered devices. * **Low Voltage Drive:** It can be fully driven with a gate voltage as low as 2.5V or 4.5V, allowing it to interface directly with low-voltage microcontrollers. * **AEC-Q101 Qualified:** The "FHA" suffix indicates that this part is automotive-grade, ensuring high reliability under harsh environmental conditions. * **TSMT6 Package:** It comes in a compact surface-mount package (Small-Outline), saving board space in dense electronic layouts. --- ### ## Typical Applications Due to its P-channel nature and switching speed, it is commonly used in: 1. **Load Switches:** Controlling power to specific sub-systems in portable electronics. 2. **DC/DC Converters:** Acting as a high-side switch in power management circuits. 3. **Battery Management:** Used in charging circuits and protection modules for mobile devices. 4. **Automotive Electronics:** Power management for sensors or infotainment systems due to its AEC-Q101 certification. --- ### ## Internal Structure (Schematic) ```mermaid graph TD G[Gate] ---|Insulator| C[Channel] S[Source] --- C D[Drain] --- C C -.->|Body Diode| D ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the RTQ035P02FHA and its N-channel equivalent?
    • ⤷ What are the specific thermal management requirements for the TSMT6 package?
    • ⤷ Can this MOSFET be used for PWM motor control?