RTS-112-R
AI

The **RTS-112-R** is a specific model of a **Miniature PCB Power Relay** commonly manufactured by brands like **Rayex Electronic**. These components are widely used for switching high-current loads in consumer electronics and industrial automation.
---
### 1. Key Technical Specifications
The following table outlines the typical electrical and physical characteristics of the RTS-112-R:
| Feature | Specification |
| :--- | :--- |
| **Coil Voltage** | 12V DC |
| **Contact Configuration** | 1 Form C (SPDT - Single Pole Double Throw) |
| **Max Switching Current** | 10A to 12A (model dependent) |
| **Max Switching Voltage** | 250V AC / 30V DC |
| **Coil Power Consumption** | Approx. 360mW to 450mW |
| **Contact Material** | Silver Alloy (AgSnO2 or AgCdO) |
| **Mounting Type** | Through-Hole (PCB Mount) |
---
### 2. Internal Components and Construction
The RTS-112-R consists of several critical electronic and mechanical parts:
* **Electromagnetic Coil:** A copper wire winding around an iron core. When 12V DC is applied, it creates a magnetic field.
* **Armature:** A moving lever that is pulled by the magnetic field of the coil.
* **Contacts (NC/NO/COM):**
* **Common (COM):** The main terminal that switches between the other two.
* **Normally Closed (NC):** Connected to COM when the relay is "off."
* **Normally Open (NO):** Connects to COM only when the relay is "on."
* **Spring:** Returns the armature to its original position once the coil is de-energized.
* **Sealed Housing:** Usually made of plastic (PBT), designed to protect internal parts from dust and soldering flux.
---
### 3. Connection Diagram (Standard Pinout)
While you should always verify with the specific datasheet, the standard layout for a 5-pin SPDT relay like the RTS-112-R is:
```text
[Coil] [NO]
| |
[COM]----|
| |
[Coil] [NC]
```
---
### 4. Typical Applications
* **Home Appliances:** Microwave ovens, air conditioners, and washing machines.
* **Automotive Electronics:** Power windows or central locking systems.
* **Industrial Control:** PLC output modules and motor starters.
* **Smart Home:** Smart plugs and automated lighting switches.
---
- ⤷
What is the difference between the 'R' and 'D' suffixes in Rayex relay part numbers?
- ⤷ How do I calculate the flyback diode needed for a 12V relay coil?
- ⤷ Can this relay be used to switch 240V AC mains power safely?