RTS-1A1-R
AI

The **RTS-1A1-R** is a specific model of a **Miniature Tilt Sensor** (also known as a non-mercury motion or rolling ball sensor). These components are widely used in consumer electronics to detect orientation changes, movement, or vibration.
---
### 1. Technical Specifications
The RTS-1A1-R is designed to function as a simple "on/off" switch based on its physical orientation.
| Parameter | Value / Specification |
| :--- | :--- |
| **Contact Rating** | 10mA, 5V DC |
| **Contact Resistance** | < 10 Ohms (Closed) |
| **Insulation Resistance** | > 1000M Ohms (Open) |
| **Operating Angle** | Typically 15° to 45° |
| **Body Material** | High-performance plastic / Metal casing |
| **Switching Type** | Rolling Ball (Non-Mercury) |
| **Mounting Type** | Through-hole (PCB) |
---
### 2. Internal Mechanism
The "RTS" series utilizes a **Rolling Ball** mechanism rather than the hazardous liquid mercury found in older tilt switches.
1. **Conductive Ball:** A tiny metal ball resides inside a sealed chamber.
2. **Contact Terminals:** Two gold-plated electrodes are positioned at one end of the chamber.
3. **Circuit Completion:**
* When the sensor is tilted towards the terminals, the ball rolls and bridges the gap, completing the circuit (**Closed State**).
* When the sensor is leveled or tilted away, the ball moves, breaking the connection (**Open State**).
---
### 3. Key Electronic Characteristics
* **Bouncing (Noise):** Because it uses a physical ball, the electrical signal can "chatter" or bounce as the ball settles. Engineers typically use a **Hardware RC Filter** or a **Software Debounce** algorithm to ensure a clean signal.
* **Low Current Device:** This is a signal-level sensor. It is not designed to drive high-power loads (like motors) directly. It should be connected to a GPIO pin of a microcontroller with a pull-up or pull-down resistor.
* **Environmentally Friendly:** The "-R" suffix usually denotes **RoHS compliance**, meaning it is free from lead and mercury, making it safe for modern consumer products.
---
### 4. Common Applications
* **Screen Rotation:** Telling a device to switch between portrait and landscape mode.
* **Security Alarms:** Detecting if a protected object (like a safe or a bike) is being moved.
* **Toys:** Triggering sound or light effects when a toy is shaken.
* **Power Saving:** Waking a device from "sleep mode" when it is picked up.
- ⤷
How do you implement a software debounce for a tilt sensor?
- ⤷ What is the difference between a rolling ball sensor and a MEMS accelerometer?
- ⤷ Can the RTS-1A1-R be used for precise angle measurement?