Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RTS-1A11-R

  • AI
    The **RTS-1A11-R** is a specific electronic component, typically categorized as a **Liquid Level Sensor** or **Float Switch**. These devices are used to detect the level of liquid within a tank or container and provide an electrical signal to a control system. Below is a detailed breakdown of its technical specifications and electronic properties. --- ### 1. Key Technical Specifications The following table highlights the typical electrical and mechanical ratings for this component: | Feature | Specification | | :--- | :--- | | **Switch Type** | Reed Switch (Magnetically Actuated) | | **Contact Form** | Form A (Normally Open - NO) | | **Switching Voltage** | Max 200V DC / 240V AC | | **Switching Current** | Max 0.5A | | **Carry Current** | Max 1.0A | | **Mounting** | Vertical (Top or Bottom) | | **Material** | Stainless Steel (often 304 or 316) | --- ### 2. Electronic Working Principle The device operates using a simple but reliable magnetic mechanism: * **The Float:** Contains a permanent internal magnet and moves up or down with the liquid level. * **The Stem:** Contains a hermetically sealed **Reed Switch**. * **Actuation:** When the liquid rises, the float's magnet aligns with the reed switch inside the stem. The magnetic field pulls the reed contacts together, closing the circuit. ### 3. Circuit Integration When integrating the RTS-1A11-R into an electronic system, consider these points: #### A. Logic Level Interface If connecting to a microcontroller (like an Arduino or PLC), use a **pull-up resistor** (typically 10kΩ). Since the switch is a "dry contact," it does not output voltage on its own; it simply completes a path to ground. #### B. Protection Circuits * **Inductive Loads:** If using the sensor to drive a relay or motor directly, always place a **flyback diode** (e.g., 1N4007) across the load to prevent voltage spikes from damaging the reed switch. * **Current Limiting:** Ensure the load does not exceed 0.5A. For high-power pumps, the sensor should trigger a secondary power relay. --- ### 4. Applications * **Industrial Automation:** High/Low level alarms in chemical tanks. * **HVAC Systems:** Condensate overflow detection. * **Food & Beverage:** Level monitoring in stainless steel vats. * **Water Treatment:** Sump pump control and reservoir monitoring. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Form A and Form C contacts in float switches?
    • ⤷ How do I wire this sensor to an Arduino for a water level alarm?
    • ⤷ Can the RTS-1A11-R be used in corrosive liquids or high-temperature environments?