RTS-2A1B-R/E
AI

The **RTS-2A1B-R/E** is a specific electronic relay component typically used in industrial automation, security systems, and power management. Based on its nomenclature, it falls under the category of **Electromechanical Relays (EMR)**.
---
### 1. Technical Specifications Overview
Below is a breakdown of the key electronic characteristics of the RTS series:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Contact Configuration** | 2 Form A (DPST-NO) + 1 Form B (SPST-NC) |
| **Mounting Type** | PCB Mount or Socket Mount (depending on suffix) |
| **Actuation Mechanism** | Electromagnetic Coil |
| **Contact Material** | Silver Alloy (often AgNi or AgSnO2 for durability) |
| **Switching Capacity** | Typically 5A to 8A (application dependent) |
---
### 2. Breakdown of the Model Name
Electronic parts use alphanumeric codes to define their internal architecture:
* **RTS:** Series identifier (indicates a slim or power relay design).
* **2A:** Indicates **2 Form A** contacts (Normally Open).
* **1B:** Indicates **1 Form B** contact (Normally Closed).
* **R:** Often denotes **Reinforced Insulation** or a specific **Relay** class.
* **E:** Usually signifies **High Sensitive** coil or **Environmentally Friendly** (RoHS compliant) materials.
---
### 3. Key Electronic Features
#### A. Contact Arrangement
This part is unique because it combines multiple contact types:
* **2 Normally Open (NO):** These circuits close only when the coil is energized.
* **1 Normally Closed (NC):** This circuit opens when the coil is energized, acting as a safety disconnect or signal inverter.
#### B. Coil Characteristics
The "E" variant typically implies a high-efficiency coil. This means the device requires less current to trigger the magnetic field needed to move the physical contacts, reducing heat generation on the PCB.
#### C. Galvanic Isolation
As an electromechanical part, it provides excellent electrical isolation between the low-power control circuit (the coil) and the high-power load circuit (the contacts).
---
### 4. Common Applications
* **PLC Outputs:** Interfacing programmable logic controllers with high-voltage motors or actuators.
* **Safety Interlocks:** Using the "1B" (NC) contact to ensure a system shuts down if the relay loses power.
* **HVAC Controls:** Managing fans and compressors in industrial climate control.
- ⤷
What is the standard coil voltage for the RTS-2A1B series?
- ⤷ Can this relay be used for DC load switching?
- ⤷ What are the physical dimensions for PCB footprint planning?