RTS-315A-R
AI

The **RTS-315A-R** is a precision semi-automatic circular saw (cold saw) primarily used for high-accuracy metal cutting. While its mechanical frame is robust, its "brain" and operation rely on specific electronic and electrical components to manage speed, safety, and cycle control.
---
### Core Electronic & Electrical Components
The electronic architecture of the RTS-315A-R is designed to handle high-torque motor loads and precise pneumatic-electric synchronization.
| Component Type | Description | Function |
| :--- | :--- | :--- |
| **Main Drive Motor** | Dual-speed induction motor (2-pole/4-pole). | Provides the torque for the saw blade; allows switching between high/low RPM. |
| **PLC / Control Logic** | Microprocessor-based control board. | Manages the logic for the semi-automatic cycle (clamp → cut → retract → unclamp). |
| **Solenoid Valves** | Electrically actuated pneumatic valves. | Converts electronic signals into physical movement for the blade feed and vises. |
| **Limit Switches** | Magnetic or mechanical proximity sensors. | Detects the "Home" and "Bottom" position of the saw head to end the cycle. |
| **Variable Frequency Drive (VFD)** | *Optional in some sub-models.* | Provides infinitely variable speed control for the blade. |
---
### Key Technical Specifications
From an electronics standpoint, the machine operates under the following parameters:
* **Input Power:** Typically 220V/440V 3-Phase (50/60Hz).
* **Control Voltage:** Usually stepped down to **24V DC** for operator safety at the buttons/switches.
* **Safety Circuitry:** Includes an Emergency Stop (E-Stop) tied to a safety relay that kills power to the motor and solenoid valves simultaneously.
---
### Electronic Control Panel Features
The user interface (UI) consists of several electronic inputs that interact with the internal circuitry:
1. **Dual-Stage Foot Pedal:** An electronic switch that triggers the clamping and cutting cycle.
2. **Stroke Adjustment:** Electronic sensors (proximity switches) allow the user to set the vertical travel distance to save time on smaller workpieces.
3. **Coolant Pump System:** An independent electric pump synchronized to start only when the blade motor is active.
---
### Maintenance Warning for Electronics
> [!IMPORTANT]
> Because these machines use high-voltage 3-phase power alongside sensitive 24V control logic, always ensure the **Grounding (Earthing)** is secure. Vibration from cutting can loosen terminal screws over time; periodic tightening of the control box wiring is recommended.
- ⤷
What are the common failure symptoms of the PLC on an RTS-315A-R?
- ⤷ How do you adjust the electronic limit switches for different pipe diameters?
- ⤷ Can the motor be converted from 3-phase to single-phase using a VFD?