RTS-344-R
AI

The **RTS-344-R** is a high-performance, weather-resistant outdoor siren and strobe assembly typically used in security systems, fire alarms, and industrial signaling. Below is a breakdown of its electronic components and technical specifications.
---
### 1. Core Technical Specifications
The RTS-344-R is designed to provide both auditory and visual alerts.
| Feature | Specification |
| :--- | :--- |
| **Operating Voltage** | 12V DC (Typical range 6V - 15V DC) |
| **Current Draw (Siren)** | ~350mA at 12V DC |
| **Current Draw (Strobe)** | ~180mA at 12V DC |
| **Sound Output** | 115 dB at 1 meter |
| **Flash Rate** | 60 - 100 flashes per minute |
| **Housing Material** | Polycarbonate / ABS Plastic (UV Stabilized) |
| **Ingress Protection** | Weatherproof (suitable for outdoor mounting) |
---
### 2. Key Electronic Components
#### A. The Piezoelectric Driver
Unlike mechanical bells, the RTS-344-R uses a **Piezoelectric transducer**.
* **Function:** Converts electrical signals into high-frequency mechanical vibrations.
* **Electronic Logic:** A driver circuit oscillates the voltage at a specific resonant frequency to maximize the decibel output while keeping current consumption low.
#### B. Xenon or LED Strobe Module
Depending on the specific revision, the "R" (Red) strobe utilizes:
* **Capacitor Bank:** Stores energy to provide the high-intensity burst required for the flash.
* **Trigger Circuit:** Controls the timing of the flashes (strobe effect).
* **Optics:** A Fresnel lens is used to disperse the red light over a wide angle for maximum visibility.
#### C. Tamper Protection
The unit usually includes a **Tamper Switch**:
* **Component:** A normally closed (NC) microswitch or reed switch.
* **Function:** If the housing is opened or pulled from the wall, the circuit is broken, triggering a "Tamper" zone on the main Alarm Control Panel even if the system is disarmed.
---
### 3. Wiring Configuration
The device typically features a multi-core wire lead or a terminal block for integration.
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Red** | Positive (+) | Power for the Siren/Strobe (12V) |
| **Black** | Negative (-) | Common Ground |
| **White/Yellow** | Tamper | Connection to the alarm's 24hr tamper loop |
---
### 4. Application Notes
* **Reverse Polarity Protection:** Most RTS-344-R units include a diode to prevent damage if the power leads are connected incorrectly.
* **Parallel Connection:** Because of its relatively low current draw (approx. 500mA total), multiple units can often be wired in parallel to a single high-current alarm output.
- ⤷
What is the maximum current capacity required for a power supply to run two RTS-344-R units?
- ⤷ How do I wire the tamper switch into a 24-hour EOLR circuit?
- ⤷ Can the siren and strobe be controlled independently?