RTS-3A11-R
AI

The **RTS-3A11-R** is an industrial-grade **Resistance Temperature Detector (RTD) Sensor**, commonly used for precise temperature measurement in HVAC, industrial processing, and environmental monitoring systems.
---
## 1. Technical Specifications
Below are the primary electronic and physical characteristics of the RTS-3A11-R:
| Feature | Specification |
| :--- | :--- |
| **Sensor Type** | Platinum RTD (Resistance Temperature Detector) |
| **Base Resistance** | 1000 Ohms at 0°C (Pt1000) |
| **Tolerance Class** | Class A (High Precision) |
| **Temperature Range** | Typically -40°C to +105°C (Sensor tip) |
| **Wiring Configuration** | 2-wire (Standard) |
| **Housing Material** | Stainless Steel Probe |
| **Response Time** | High thermal conductivity for fast sensing |
---
## 2. Key Electronic Components
### A. The Sensing Element (Pt1000)
The heart of the device is a platinum thin-film resistor.
* **PT:** Stands for Platinum, chosen for its stable and linear resistance-to-temperature relationship.
* **1000:** Indicates that the device has a resistance of **1000 $\Omega$** at **0°C**.
* **Benefit:** Using 1000 ohms (instead of 100 ohms) reduces the impact of lead-wire resistance, making it more accurate in 2-wire configurations.
### B. Lead Wires and Insulation
The "R" suffix often denotes specific lead wire types or RoHS compliance.
* The wires are typically insulated with PVC or Teflon to prevent short circuits and resist moisture.
* Because it is a passive resistive device, it does not require a local power source but requires an **excitation current** (usually < 1mA) from the controller to read the voltage drop.
### C. Protective Encapsulation
The sensor element is encapsulated in a stainless steel tube filled with thermally conductive epoxy. This protects the electronics from:
* Corrosion
* Mechanical vibration
* Moisture ingress (IP67 or similar rating)
---
## 3. Operating Principle
The RTS-3A11-R operates on the principle of **Positive Temperature Coefficient (PTC)**. As the ambient temperature rises, the electrical resistance of the platinum element increases.
To calculate the temperature, the receiving controller (PLC or Thermostat) uses the **Callendar-Van Dusen equation**:
```python
# Simplified resistance calculation for Pt1000
# R(t) = R0 * (1 + A*t + B*t^2)
R0 = 1000.0 # Resistance at 0°C
A = 3.9083e-3
B = -5.775e-7
def get_resistance(temp_celsius):
return R0 * (1 + A * temp_celsius + B * (temp_celsius**2))
```
---
## 4. Typical Applications
* **HVAC Systems:** Monitoring air duct or water pipe temperatures.
* **Solar Thermal:** Measuring collector or tank temperatures.
* **Industrial Automation:** Machine monitoring where high precision is required over long cable runs.
- ⤷
What is the difference in accuracy between Class A and Class B for this sensor?
- ⤷ How do I calibrate a Pt1000 sensor in a 2-wire circuit?
- ⤷ What are the compatible controllers or PLCs for the RTS-3A11-R?