RTS-3B1-R
AI

The **RTS-3B1-R** is a specific electronic component typically identified as a **High-Precision Surface Mount (SMD) Platinum Resistance Temperature Detector (RTD)**. These sensors are widely used in industrial and consumer electronics for accurate temperature monitoring.
---
### 1. Technical Specifications
The following table highlights the core electronic characteristics of the RTS-3B1-R:
| Parameter | Specification |
|:---|:---|
| **Sensor Type** | RTD (Resistance Temperature Detector) |
| **Element Material** | Platinum (Pt) |
| **Resistance at 0°C** | 1000 $\Omega$ (Pt1000) |
| **Tolerance Class** | Class B (Standard Accuracy) |
| **Temperature Coefficient** | 3850 ppm/K |
| **Package Size** | 0805 (SMD) |
| **Operating Range** | -55°C to +155°C |
---
### 2. Key Electronic Features
* **Pt1000 Value:** Unlike the standard Pt100, the Pt1000 has a higher resistance. This reduces the error caused by lead wire resistance, making it ideal for low-power or battery-operated circuits.
* **Linearity:** It offers excellent linearity across its entire temperature range compared to thermistors (NTC/PTC).
* **Stability:** Platinum sensors are known for long-term stability and repeatability, ensuring the resistance value does not drift significantly over years of use.
* **SMD Design:** The "R" suffix often denotes "Reel" packaging for automated Pick-and-Place assembly, suitable for high-density PCB designs.
---
### 3. Application Circuitry
To read data from an RTS-3B1-R, it is typically integrated into a **Voltage Divider** or a **Wheatstone Bridge** circuit. Because it is a resistive element, a constant excitation current must be applied.
#### Example Calculation (Simplified)
If using a constant current source of $100 \mu A$:
* At $0^\circ C$: $V = 1000 \Omega \times 100 \mu A = 0.1V$
* At $100^\circ C$ (Approx. $1385 \Omega$): $V = 1385 \Omega \times 100 \mu A = 0.1385V$
---
### 4. Common Use Cases
1. **HVAC Systems:** Monitoring ambient air temperature.
2. **Medical Devices:** Precision thermal management in diagnostic equipment.
3. **Battery Management Systems (BMS):** Monitoring cell temperatures during charge/discharge cycles.
4. **Industrial Automation:** Process control where high accuracy is required.
- ⤷What is the difference between Pt100 and Pt1000 in circuit design?
- ⤷ How do I calibrate an RTS-3B1-R sensor in software?
- ⤷ What are the recommended excitation current limits for this SMD RTD?