Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RTS-432-R/E

  • AI
    The **RTS-432-R/E** is a model number typically associated with **Temperature Sensors** (specifically Platinum Resistance Temperature Detectors, or RTDs) often used in industrial automation, HVAC, or solar thermal systems. Below is an explanation of its electronic characteristics and components. --- ### 1. General Specifications The "RTS" prefix usually stands for **Resistance Temperature Sensor**, and the "432" designation refers to the specific probe geometry or resistance curve. | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Pt1000 or Pt100 (Platinum Resistance) | | **Standard** | DIN EN 60751 | | **Tolerance Class** | Class B (±0.3°C at 0°C) | | **Temperature Range** | -50°C to +200°C (depending on cable insulation) | | **Connection Type** | 2-wire (standard) or 3-wire configurations | --- ### 2. Key Electronic Components The device consists of three primary electronic parts: #### A. The Sensing Element (RTD) Inside the tip of the probe is a thin-film platinum resistor. * **Pt1000:** It has a resistance of 1000 Ohms at 0°C. * **Positive Temperature Coefficient (PTC):** As the temperature rises, the electrical resistance increases in a highly linear and predictable manner. #### B. The Protective Housing (Sleeve) The electronics are encased in a stainless steel tube (usually 6mm diameter). * **Function:** Protects the fragile platinum element from moisture, pressure, and corrosive environments. * **Thermal Conductivity:** Filled with thermally conductive paste to ensure fast response times. #### C. The Lead Wire (Cable) The "R/E" suffix often denotes the insulation material. * **PVC/Silicone:** Used for standard flexibility. * **PTFE/Teflon:** Used for higher chemical resistance and temperature limits. * **Shielding:** Often includes a braided shield to prevent Electromagnetic Interference (EMI) from affecting the resistance reading. --- ### 3. Connection Logic Because this is a passive resistive component, it does not require a power supply of its own. However, it must be integrated into a circuit (like a Wheatstone Bridge) within a controller: 1. **Excitation Current:** The controller sends a tiny current (usually <1mA) through the part. 2. **Voltage Drop:** The controller measures the voltage drop across the sensor. 3. **Calculation:** Using Ohm's Law ($V = I \times R$), the controller determines the resistance and converts it to a temperature reading. --- ### 4. Application Context The RTS-432 series is frequently found in: * **Solar Controllers:** Monitoring collector temperatures. * **HVAC Systems:** Measuring air duct or water pipe temperatures. * **Industrial Ovens:** Low to medium-range heat monitoring.
    ✨ Follow-up Questions
    • ⤷ What is the resistance value of the RTS-432-R/E at 0 degrees Celsius?
    • ⤷ Does this model support 3-wire compensation for long cable runs?
    • ⤷ What are the specific differences between the 'R' and 'E' suffixes in this model?