Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RTS-44A-R/E

  • AI
    The **RTS-44A-R/E** is a precision temperature-sensing component, typically a **Remote Temperature Sensor** designed for use with solar charge controllers (specifically those from brands like EPEVER/EPSolar). It is used to monitor battery temperature to adjust charging parameters—a process known as **Temperature Compensation**. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Model** | RTS-44A-R/E | | **Sensor Type** | NTC (Negative Temperature Coefficient) Thermistor | | **Resistance Value** | 47K $\Omega$ (standard at 25°C) | | **Connector Type** | 3.81mm / 2-pin Terminal or RJ11 (varies by sub-model) | | **Cable Length** | Usually 3 meters (approx. 9.8 feet) | | **Testing Accuracy** | ±1°C | | **Operating Range** | -55°C to +125°C | --- ### 2. Internal Electronic Components The device is simple yet critical for battery longevity. It consists of the following electronic elements: * **NTC Thermistor:** The core component. Its electrical resistance decreases as the temperature increases. The charge controller sends a small current through it to measure the voltage drop and calculate the temperature. * **Sensor Probe Housing:** Usually a copper or stainless steel "lug" or cylinder. This provides high thermal conductivity and protects the sensitive thermistor from environmental corrosion and battery acid fumes. * **Shielded/Insulated Wiring:** High-quality PVC or silicone insulation ensures that electrical noise from the solar system does not interfere with the sensitive resistance readings. --- ### 3. Functional Importance In a solar power system, the RTS-44A-R/E performs the following electronic functions: 1. **Temperature Compensation:** Lead-acid batteries require a higher charging voltage when cold and a lower voltage when hot. The sensor allows the controller to adjust the voltage by roughly **-3mV/°C/Cell**. 2. **Safety Cut-off:** If the battery reaches a critical temperature (overheating), the controller uses the RTS data to stop the charging process entirely to prevent thermal runaway. 3. **Efficiency Optimization:** By adjusting the "Bulk" and "Float" stages based on real-time heat data, it ensures the battery reaches a 100% State of Charge (SoC) regardless of ambient conditions. --- ### 4. Comparison Table: With vs. Without RTS | Feature | Without RTS | With RTS-44A-R/E | | :--- | :--- | :--- | | **Voltage Control** | Fixed (assumes 25°C) | Dynamic (Real-time) | | **Battery Life** | Potential for "cooking" or undercharging | Maximized lifespan | | **Winter Performance** | Likely undercharged | Fully charged via higher voltage | | **Summer Performance** | Risk of gassing/swelling | Safe charging via lower voltage |
    ✨ Follow-up Questions
    • ⤷ How do I test if an RTS-44A-R/E sensor is functioning correctly using a multimeter?
    • ⤷ Which specific solar charge controllers are compatible with the RTS-44A-R/E?
    • ⤷ What is the mathematical formula used for temperature compensation in these sensors?