RTT-10V222MJHTQ-R5
AI

The part number **RTT-10V222MJHTQ-R5** refers to a high-precision surface-mount resistor, likely manufactured by **RALEC** (as indicated by the "RTT" series prefix). These components are commonly used in automotive and high-reliability industrial applications.
Below is a detailed breakdown of the electronic specifications and part number decoding.
---
### 1. Specification Overview
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Thick Film Chip Resistor |
| **Package / Case** | 0805 (2012 Metric) |
| **Resistance Value** | 2.2 kΩ (2200 Ohms) |
| **Tolerance** | ±5% (J) |
| **Temperature Coefficient** | ±200 ppm/°C (Typical for M-code) |
| **Standard Compliance** | AEC-Q200 (Automotive Grade) |
---
### 2. Part Number Decoding
The alphanumeric string is structured to define the physical and electrical characteristics of the resistor:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **RTT** | Series | Thick Film Chip Resistor (Standard/Automotive) |
| **10** | Size Code | 0805 Imperial (2.0mm x 1.25mm) |
| **V** | Feature | Anti-Sulfuration or High Voltage (Variant dependent) |
| **222** | Resistance | 3-digit code: $22 \times 10^2 = 2200 \Omega$ (2.2k) |
| **M** | Temp. Coeff | $\pm 200$ ppm/°C |
| **J** | Tolerance | $\pm 5\%$ |
| **H** | Rating | High Power or Specific Wattage rating |
| **TQ** | Packaging | Paper Tape (7" Reel / 5k pcs) |
| **R5** | Special | Lead-free / RoHS Compliant / Specific Revision |
---
### 3. Key Features
* **AEC-Q200 Qualified:** This indicates the part has passed rigorous stress testing for use in automotive environments (vibration, thermal shock, moisture resistance).
* **Thick Film Technology:** Provides a cost-effective solution with high stability for general-purpose sensing and current limiting.
* **Compact Footprint:** The 0805 size is small enough for dense PCBs but large enough for easy automated pick-and-place handling.
---
### 4. Typical Applications
* **Automotive Electronics:** Engine control units (ECU), lighting, and infotainment systems.
* **Industrial Equipment:** Power supplies and sensor interfaces.
* **Consumer Electronics:** General circuit protection and signal conditioning.
- ⤷
What is the maximum power rating (wattage) for an 0805 size resistor?
- ⤷ How does an 'Anti-Sulfuration' rating improve component lifespan?
- ⤷ Can this resistor be replaced with a 1% tolerance part of the same value?