Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RTT-16V222MKHT-R5

  • AI
    The part number **RTT-16V222MKHT-R5** corresponds to a specific Surface Mount (SMD) Aluminum Electrolytic Capacitor. This component is designed for high-density electronic assemblies where space-saving and reliable energy storage are required. --- ### 1. Part Number Breakdown The nomenclature typically follows a standardized industry format: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | RTT | High Temperature / Low Impedance Series | | **Voltage** | 16V | Rated working voltage (16 Volts DC) | | **Capacitance** | 222 | 2200 µF (22 followed by 2 zeros) | | **Tolerance** | M | ±20% Capacitance tolerance | | **Case Size** | KH | Specific dimensions (e.g., 10x10.2mm or 12.5x13.5mm) | | **Packaging** | R5 | Tape and Reel packaging (7" or 13" reel) | --- ### 2. Technical Specifications This component is categorized as a **V-Chip** style capacitor. Below are its primary electrical characteristics: * **Capacitance:** 2200 µF * **Voltage Rating:** 16V DC * **Temperature Range:** -55°C to +105°C (standard for industrial applications) * **Load Life:** Usually 2,000 to 5,000 hours at 105°C (depending on the specific manufacturer's datasheet). * **Mounting Type:** Surface Mount Device (SMD). * **Polarity:** Polarized (must be installed with correct +/- orientation). --- ### 3. Key Electronic Functions In a circuit, the RTT-16V222MKHT-R5 serves several critical roles: 1. **Filtering/Smoothing:** It is commonly used in DC-DC converters and power supplies to smooth out voltage ripples after rectification. 2. **Bulk Storage:** The high capacitance (2200 µF) allows it to act as a reservoir, providing instant current during transient load spikes to prevent voltage drops. 3. **Decoupling:** It prevents high-frequency noise from traveling through the power rails to sensitive ICs. --- ### 4. Application Areas Due to its 105°C temperature rating and SMD form factor, it is frequently found in: * **Automotive Electronics:** Infotainment and dashboard control modules. * **Telecommunications:** Base stations and networking hardware. * **Industrial Automation:** PLCs and motor control boards. * **Consumer Electronics:** High-end audio equipment and LED drivers. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions associated with the 'KH' case size code?
    • ⤷ How does the ESR (Equivalent Series Resistance) of the RTT series compare to standard capacitors?
    • ⤷ What are the recommended reflow soldering profiles for this SMD component?