AI

The part number **RTT-25V331MIET-R5** typically refers to an **Aluminum Electrolytic Capacitor**. Based on industry-standard naming conventions (often associated with manufacturers like Samyoung or similar passive component specialists), here is the detailed breakdown of its specifications.
---
### 1. Specification Overview
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Radial Aluminum Electrolytic Capacitor |
| **Capacitance** | 330 µF (Microfarads) |
| **Voltage Rating** | 25V DC |
| **Tolerance** | ±20% (Standard 'M' tolerance) |
| **Operating Temperature** | -40°C to +105°C (Standard High Temp) |
| **Mounting Type** | Through-Hole (Radial) |
| **Packaging** | Ammo Pack or Tape & Reel (indicated by R5) |
---
### 2. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific physical and electrical traits:
* **RTT**: Series code (usually denotes a standard, high-reliability, or low-impedance series depending on the catalog).
* **25V**: Rated working voltage (Maximum continuous voltage it can handle).
* **331**: Capacitance value in pF. The first two digits (33) are significant, and the third (1) is the multiplier ($10^1$). $330 \text{ pF} \times 10 = 330,000,000 \text{ pF} = 330 \text{ µF}$.
* **M**: Tolerance code (M = ±20%).
* **IET**: Internal manufacturer code for dimensions/casing size (likely $8 \times 11.5\text{mm}$ or similar).
* **R5**: Packaging/Lead forming code (usually refers to 5mm lead spacing or a specific taping format).
---
### 3. Typical Applications
These capacitors are general-purpose components found in various electronic circuits:
1. **Power Supply Filtering:** Smoothing out ripples in DC power lines after rectification.
2. **Decoupling:** Providing a local energy reservoir for integrated circuits (ICs) to prevent voltage drops.
3. **Bypassing:** Diverting AC noise to the ground in signal processing circuits.
4. **Consumer Electronics:** Used in chargers, LED drivers, and audio equipment.
---
### 4. Technical Considerations
* **Polarity:** As an electrolytic capacitor, this is a **polarized** component. The longer lead is usually positive (+), and the stripe on the body indicates the negative (-) terminal. Reversing polarity can cause the component to fail or explode.
* **ESR (Equivalent Series Resistance):** While not explicitly in the part number, the RTT series often focuses on a balance between cost and performance.
* **Lifetime:** Rated hours (e.g., 2,000 hours at 105°C). Actual lifespan increases significantly as the operating temperature decreases.
- ⤷
What is the physical dimension (diameter and height) for the IET case size?
- ⤷ How does the lifetime of this capacitor change if operated at 65°C instead of 105°C?
- ⤷ Are there low-ESR alternatives available for high-frequency switching applications?