RTZ-10V332MJHT-R5
AI

The part number **RTZ-10V332MJHT-R5** refers to a high-performance **Aluminum Electrolytic Capacitor**. This specific component is designed for surface-mount technology (SMT) and is optimized for low impedance and high reliability.
Below is a detailed breakdown of its electronic specifications and characteristics.
### 1. Specifications Table
| Parameter | Value / Specification |
| :--- | :--- |
| **Capacitance** | 3300 µF (Microfarads) |
| **Voltage Rating** | 10V DC |
| **Tolerance** | ±20% (Standard) |
| **Mounting Type** | Surface Mount (SMD/V-Chip) |
| **Operating Temp.** | -55°C to +105°C |
| **Life Span** | 2,000 to 5,000 hours at 105°C (Series dependent) |
| **Configuration** | Polarized Radial-V-Chip |
---
### 2. Part Number Deciphering
Based on standard industry naming conventions for manufacturers like **ELNA** or **Rubycon** (common for the RTZ/RTZ-series naming), here is how the code is typically parsed:
* **RTZ**: The Series Name. This indicates a **Low Impedance / Low ESR** series designed for power supply filtering.
* **10V**: The Rated Voltage (10 Volts).
* **332**: The Capacitance code. The first two digits are significant figures (33), and the third is the multiplier ($10^2$). $33 \times 100 = 3300$ µF.
* **M**: Tolerance code ($M = \pm20\%$).
* **JHT**: Case size and packaging code (Specific to physical dimensions like $10 \times 10.5$ mm).
* **R5**: Taping and Reel specification for automated assembly.
---
### 3. Key Electronic Characteristics
#### A. Low ESR (Equivalent Series Resistance)
The RTZ series is engineered for low resistance. This minimizes heat generation during high-frequency ripple currents, making it ideal for high-efficiency power converters.
#### B. Filtering and Buffering
With a capacity of 3300 µF, this part is used primarily for:
* **Smoothing**: Reducing voltage ripple in DC-DC converters.
* **Energy Storage**: Providing local energy reservoirs for sudden load changes in digital circuits.
#### C. Environmental Durability
The "105°C" rating signifies it is suitable for industrial and automotive applications where ambient temperatures are elevated, ensuring the electrolyte does not dry out prematurely.
---
### 4. Typical Applications
* **Motherboards and Servers**: Voltage Regulator Modules (VRM).
* **Telecommunications**: Power supply units for base stations.
* **Consumer Electronics**: High-end audio/video equipment power filtering.
* **LED Drivers**: Stability in constant current circuits.
- ⤷
What is the physical footprint/dimensions of the JHT case size?
- ⤷ Can this capacitor be used in AC circuits?
- ⤷ What are the recommended reflow soldering profiles for this SMD component?