AI

The part number **RTZ-25V152MKHT-R5** refers to a specific **Aluminum Electrolytic Capacitor**. These components are widely used in power management and filtering applications due to their high capacitance-to-volume ratio.
Below is a detailed breakdown of the electronic specifications and part number nomenclature based on standard industry coding for this series (typically associated with manufacturers like *Rubycon* or similar high-quality Japanese capacitor brands).
### 1. Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | RTZ | Low impedance, high reliability, and long life. |
| **Capacitance** | 1500 µF | Indicated by "152" (15 x 10^2). |
| **Rated Voltage** | 25V DC | The maximum continuous operating voltage. |
| **Capacitance Tolerance** | ±20% | Indicated by "M". |
| **Operating Temp.** | -40°C to +105°C | Designed for high-temperature stability. |
| **Mounting Type** | Radial Lead | Through-hole mounting (THT). |
---
### 2. Part Number Breakdown
To understand the specific physical and electrical characteristics, we can deconstruct the string:
* **RTZ**: The **Series Name**. This series is usually optimized for **Low ESR** (Equivalent Series Resistance), making it ideal for switching power supplies.
* **25V**: The **Rated Voltage**. Applying more than 25V may cause dielectric breakdown or leakage.
* **152**: The **Capacitance Code**.
* `15` = Significant digits.
* `2` = Number of zeros.
* Result: `1500 picofarads` in standard units, but for electrolytic capacitors, this is interpreted as **1500 µF**.
* **M**: The **Tolerance Code**. M stands for ±20%, which is standard for electrolytic capacitors.
* **KHT**: This typically refers to the **Case Size** and **Lead Configuration** (e.g., specific diameter x length, such as 10x20mm or 12.5x20mm).
* **R5**: Refers to the **Packaging/Lead Processing**. Often indicates a specific lead pitch (e.g., 5.0mm) or Taped/Ammo pack for automated insertion.
---
### 3. Key Electronic Functions
1. **Filtering:** It smooths out ripples in DC voltage lines after rectification in AC/DC converters.
2. **Energy Storage:** It acts as a local reservoir of energy to support sudden spikes in current demand by the load.
3. **Bypassing:** It shunts high-frequency noise to the ground, protecting sensitive integrated circuits (ICs).
4. **Low ESR Importance:** Because this is an "RTZ" series (Low Impedance), it generates less heat internally when handling ripple current, leading to a longer lifespan in high-performance electronics.
---
### 4. Application Examples
* Motherboards and computer peripherals.
* LED Lighting drivers.
* Industrial Power Supplies (SMPS).
* Audio amplifiers (Power stage decoupling).
---
- ⤷
What is the significance of the 'Low ESR' rating in the RTZ series?
- ⤷ How do I determine the physical dimensions (diameter and height) from the 'KHT' code?
- ⤷ What are the common alternatives if the 1500uF 25V RTZ capacitor is out of stock?