RUSB2CC2MB
AI

The **RUSB2CC2MB** refers to a specific type of USB cable assembly, typically categorized as a **USB 2.0 Type-C to Type-C Cable**. This component is widely used in power delivery and data synchronization for modern electronic devices.
Below is a detailed breakdown of its electronic specifications and features.
---
### 1. Technical Specifications
This cable is designed to meet the USB 2.0 standards, focusing on compatibility between two USB-C ports.
| Feature | Specification |
| :--- | :--- |
| **Connector A** | USB Type-C (Male) |
| **Connector B** | USB Type-C (Male) |
| **Protocol** | USB 2.0 |
| **Data Transfer Rate** | Up to 480 Mbps |
| **Standard Length** | 2 Meters (approx. 6.5 feet) |
| **Power Rating** | Typically 3A (60W) or up to 5A (100W) depending on E-Marker |
### 2. Electronic Internal Components
The functionality of the RUSB2CC2MB is governed by several internal electronic parts:
* **E-Marker Chip (Electronic Marker):** High-quality versions of these cables contain an IC inside the connector housing. This chip communicates with the power source to define the cable's current-carrying capacity (e.g., telling a laptop it can safely pull 60W or 100W).
* **Twisted Pair Wiring:** For data transmission ($D+$ and $D-$ lines), the wires are twisted to minimize electromagnetic interference (EMI) and signal degradation.
* **Shielding:** To maintain signal integrity at 2 meters, the cable includes an aluminum-mylar foil and a braided copper shield to prevent "crosstalk" from nearby electronic devices.
* **CC (Configuration Channel) Lines:** These are the critical wires that allow the two connected devices to "negotiate" roles (host vs. peripheral) and power levels.
### 3. Pin Configuration (USB-C)
While USB 2.0 does not utilize all 24 pins of the USB-C physical interface, the connector layout remains standard:
| Pin Type | Function | Description |
| :--- | :--- | :--- |
| **VBUS** | Power | Carries the 5V-20V power supply. |
| **GND** | Ground | Return path for the power and signal. |
| **D+/D-** | Data | Differential pair for USB 2.0 data signals. |
| **CC1/CC2** | Configuration | Used for cable detection and power negotiation. |
---
### 4. Use Cases
* **Charging:** Connecting a USB-C wall adapter to a smartphone, tablet, or laptop.
* **Peripheral Connection:** Linking a USB-C docking station or external hard drive to a PC.
* **Microcontrollers:** Powering and programming development boards like the Raspberry Pi 4 or ESP32-S3.
- ⤷
What is the difference in internal wiring between a USB 2.0 and a USB 3.1 Type-C cable?
- ⤷ How does the E-Marker chip protect electronic devices during fast charging?
- ⤷ Does the 2-meter length of this cable affect its data transfer speeds compared to a 1-meter cable?