Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • RV2-16V100MU-R

  • AI
    The **RV2-16V100MU-R** is a specific surface-mount (SMD) aluminum electrolytic capacitor. This component is commonly used in power management and signal filtering circuits where space is limited but high reliability is required. ### 1. Key Technical Specifications The model number can be broken down to reveal the electrical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Capacitance** | 10 $\mu$F (Microfarads) | | **Voltage Rating** | 16 V (Volts DC) | | **Tolerance** | ±20% (Standard for electrolytic) | | **Temperature Range** | -40°C to +85°C | | **Mounting Type** | Surface Mount (SMD / V-Chip) | | **Series** | RV2 (Standard Series) | | **Package/Case** | Vertical Chip Type (V-Chip) | --- ### 2. Functional Characteristics * **Polarized Nature:** As an aluminum electrolytic capacitor, this part is polarized. The negative terminal is typically marked with a black or colored band on the top of the casing. * **Form Factor:** The "V-Chip" design allows for automated pick-and-place assembly on PCBs. It features a flat base (usually square or rectangular) that stabilizes the cylindrical body during reflow soldering. * **Electrolyte Type:** It uses a liquid electrolyte. While cost-effective and offering high capacitance density, it has a finite lifespan defined by the evaporation of the electrolyte over time. --- ### 3. Common Applications This specific part (10uF/16V) is frequently found in the following scenarios: 1. **Decoupling:** Placed near IC pins to filter out high-frequency noise from the power supply. 2. **Coupling:** Used in audio or signal paths to block DC bias while allowing AC signals to pass. 3. **Smoothing:** Reducing voltage ripple in small DC-DC converters or regulated power rails. 4. **Consumer Electronics:** Found in routers, IoT devices, and laptop motherboards due to its small footprint. --- ### 4. Part Number Breakdown (ELNA/General Naming Convention) Typically, the code is structured as follows: * **RV2:** Series identifier (Standard 85°C). * **16V:** Rated working voltage. * **100:** Capacitance code (10 + 0 zeros = 10 $\mu$F). * **M:** Tolerance code (M = ±20%). * **U-R:** Packaging/Lead style (usually indicates Tape & Reel for SMT). ---
    ✨ Follow-up Questions
    • ⤷ What is the expected lifespan (hours) for the RV2 series at 85°C?
    • ⤷ Are there low-ESR alternatives to the RV2 series for high-frequency switching?
    • ⤷ What are the physical dimensions (diameter and height) for the 10uF 16V variant?